Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 72 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 68Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 69Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 70Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 71Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 72Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 73Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 74Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 75Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
72
NXP Semiconductors
Electrical characteristics
3.8.10 PCIe 3.0 PHY parameters
The PCIe interface is designed to be compatible with PCIe specification Gen3 x1 lane and supports the
PCI Express 1.1/2.0/3.0 standards.
3.8.10.1 PCIe DC parameters
The DC parameters of PCIe are compliant with PCI Express Base Specification, rev3.0.
3.8.10.2 PCIE_RESREF reference resistor connection
The external resistor-referred current is generated by using 8.2 k
 1% precision resistor, which is
connected between the PCIE_RESREF pad and ground outside the chip.
3.8.11
Pulse width modulator (PWM) timing parameters
This section describes the electrical information of the PWM. The PWM can be programmed to select one
of three clock signals as its source frequency. The selected clock signal is passed through a prescaler before
being input to the counter. The output is available at the pulse-width modulator output (PWMO) external
pin.
Figure 39 depicts the timing of the PWM, and Table 55 lists the PWM timing parameters.
Figure 39. PWM timing
Skew calibration
Tskewcal
(Initial)
Timing that the
transmitter drives
the skew calibration
pattern in the initial
skew calibration
mode
—
—
—
100
µs
—2^15
—
—
UI
Tskewcal
(Periodic)
Timing that the
transmitter drives
the skew calibration
pattern in the
periodic skew
calibration mode
——
—
10
µs
—2^13
—
—
UI
Table 54. DC power supply, LP-RX, and skew calibration specifications (continued) (Sheet 2 of 2)
Category
Parameter
Description
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com