Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 31 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 27Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 28Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 29Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 30Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 31Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 32Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 33Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 34Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 111 page
background image
Electrical characteristics
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
31
3.1.6.2
On-chip OSC24M
This block implements an amplifier that when combined with a suitable 24 MHz external quartz crystal
and external load capacitors implements an oscillator. The oscillator is powered from
VDD_24M_XTAL_1P8.
3.1.7
Estimated power supply maximum currents
Power consumption is highly dependent on the application. The table below represents the estimated
maximum current on the power supply rails and should be used as a guideline for power supply selection.
The data below is based on a combination of design simulation and characterization data based on typical
datasheet voltages. Actual power consumption for typical use cases are lower than values presented on the
table below.
Table 18. 24M rystal specifications
Parameter Description
Min
Typ
Max
Unit
Frequency
—
24
—
MHz
Cload1
1 CL is the load capacitance of the crystal that is recommended by the crystal vendors to obtain target clock frequency. CL is
given by the following formula: CL = {CL1 x CL2 / (CL1 + CL2)} + PCB strays
—12
—
pF
Drive level2
2 Actual working drive level is depend on real design. Please contact crystal vendor for selecting drive level of crystal.
——
100
µW
ESR3
3 ESR is the equivalent series resistance of the crystal.
—60
—
—
Rf (feedback resistor)4
4 Rf is the feedback resistor to bias the amplifier. A larger value of Rf is preferred at lower frequencies.
500
—
—
K
Rs (series resistor)5
5 Rs is the series resistor to limit amplifier gain and reduce power dissipation in the crystal.
0—
500
K
Table 19. Estimated power supply maximum currents (Sheet 1 of 2)
Power rail
Max current
Unit
VDD_ARM
2200
mA
VDD_SOC
5000
mA
Misc_0P81
330
mA
Misc_1P81
300
mA
VDD_USB_3P3
56
mA
NVCC_SNVS_1P8
2
mA
DRAM_VREF
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com