Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 28 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 24Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 25Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 26Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 27Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 28Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 29Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 30Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 31Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
28
NXP Semiconductors
Electrical characteristics
3.1.6
External clock sources
Each i.MX 8M Plus processor has two external input system clocks: a low frequency (RTC_XTALI) and
a high frequency (XTALI).
The system clock input XTALI is used to generate the main system clock. It supplies the PLLs and other
peripherals. The system clock input can be connected to either an external oscillator or a crystal using
internal oscillator amplifier.
Table 14 shows the interface frequency requirements.
The typical values shown in Table 14 are required for use with NXP software to ensure precise time
keeping and USB operation.
When connecting external input clock to OSC32K, following connections are recommended:
•
1.8 V square waveform to RTC_XTALI
MEDIA_MIPI_PHY1_REF_CLK_ROOT
300
300
MHz
MEDIA_DISP1_PIX_CLK_ROOT
250
250
MHz
MEDIA_CAM2_PIX_CLK_ROOT
277
277
MHz
MEDIA_LDB_CLK_ROOT
595
595
MHz
MEDIA_MIPI_TST_BYTE_CLK
200
200
MHz
ECSPI3_CLK_ROOT
80
80
MHz
PDM_CLK_ROOT
200
200
MHz
VPU_VC8000E_CLK_ROOT
400
500
MHz
SAI7_CLK_ROOT
66
66
MHz
DDR4-3200
3200
3200
MT/s
LPDDR4-4000
3200
4000
MT/s
NOC_GIC
400
500
MHz
MAIN_AXI
400
400
MHz
Table 14. External input clock frequency
Parameter Description
Symbol
Min
Typ
Max
Unit
RTC_XTALI Oscillator1,2
1 External oscillator or a crystal with internal oscillator amplifier.
2 The required frequency stability of this clock source is application dependent.
fckil
—
32.7683
3 Recommended nominal frequency 32.768 kHz.
—kHz
XTALI Oscillator2,4
4 External oscillator or a fundamental frequency crystal appropriately coupled to the internal oscillator amplifier.
fxtal
—24
—
MHz
Table 13. Maximum frequency of modules (continued) (Sheet 4 of 4)
Clock root
Nominal mode
Overdrive mode
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com