Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 3Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 4Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 5Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 6Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 7Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 8Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 9Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 10Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 111 page
background image
i.MX 8M Plus introduction
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
7
NOTE
Some modules shown in this block diagram are not offered on all
derivatives. See Table 2 for exceptions.
1.2
Ordering information
Table 3 shows examples of orderable sample part numbers covered by this data sheet. This table does not
include all possible orderable part numbers. If your desired part number is not listed in the table, or you
have questions about available parts, contact your NXP representative.
Figure 2 describes the part number nomenclature so that the users can identify the characteristics of the
specific part number.
Contact an NXP representative for additional details.
Table 2. Modules supported
Key Modules
8CVN
6CVN
4CVN
3CVN
8DVN
6DVN
4DVN
3DVN
Cortex® A53
4x
4x
4x
2x
4x
4x
4x
2x
VPU
1x
1x
N/A
1x
1x
1x
N/A
1x
NPU
1x
N/A
N/A
1x
1x
N/A
N/A
1x
ISP
1x
1x
N/A
1x
1x
1x
N/A
1x
HiFi 4
1x
N/A
N/A
1x
1x
N/A
N/A
1x
Table 3. Orderable part numbers
Part number
Device
description
Part
differentiator
description
Number
of A53
Cores
A53
speed
Qualification
tier
Temperature
Tj (C)
Package
description
MIMX8ML8DVNLZAB
i.MX 8M Plus
Quad
NPU1, ISP2,
VPU3, HiFi 4,
CAN
1 Neural Processing Unit
2 Image Sensor Processor
3 Video Processing Unit
4
1.8 GHz
Consumer
0 to 95
15 x 15 mm,
0.5 pitch,
FCBGA
MIMX8ML6DVNLZAB
i.MX 8M Plus
Quad
ISP, VPU, CAN
4
1.8 GHz
Consumer
0 to 95
15 x 15 mm,
0.5 pitch,
FCBGA
MIMX8ML4DVNLZAB
i.MX 8M Plus
QuadLite
CAN
4
1.8 GHz
Consumer
0 to 95
15 x 15 mm,
0.5 pitch,
FCBGA
MIMX8ML3DVNLZAB
i.MX 8M Plus
Dual
NPU, ISP, VPU,
HiFi 4, CAN
2
1.8 GHz
Consumer
0 to 95
15 x 15 mm,
0.5 pitch,
FCBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com