Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 25 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 21Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 22Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 23Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 24Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 25Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 26Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 27Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 28Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 111 page
background image
Electrical characteristics
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
25
3.1.5
Maximum frequency of modules
Table 13 provides the maximum frequency of modules in the i.MX 8M Plus of processors.
GPIO supply voltages
PVCC_1P8
1.650
1.800
1.950
V
Power supply for GPIO
pre-driver
NVCC_SD1,
NVCC_SD2,
NVCC_NAND,
NVCC_JTAG,
NVCC_ENET,
NVCC_SAI1_SAI5,
NVCC_SAI2_SAI3_SPD
IF,NVCC_ECSPI_HDMI,
NVCC_GPIO,
NVCC_I2C_UART,
NVCC_CLK
1.650
1.800
1.950
V
Power supply for GPIO when it
is in 1.8 V mode
3.000
3.300
3.600
V
Power supply for GPIO when it
is in 3.3 V mode
Junction temperature,
consumer
T
J
0—
+95
oC See Table 3 for complete list of
junction temperature
capabilities.
1 Applying the maximum voltage results in maximum power consumption and heat generation. A voltage set point = (Vmin + the
supply tolerance) is recommended. This results in an optimized power/speed ratio.
2 Overdrive maximum voltage includes all the nominal frequencies.
3 For VDD_ARM at 1.0 V typical, Power-on Hours will decrease if junction temperature is increased. Please see the i.MX 8M
Plus Lifetime Application Note for more details.
Table 13. Maximum frequency of modules (Sheet 1 of 4)
Clock root
Nominal mode
Overdrive mode
Unit
ARM_A53_CLK_ROOT
1000
1000
MHz
ARM_M7_CLK_ROOT
600
800
MHz
ML_CLK_ROOT
800
1000
MHz
GPU3D_CORE_CLK_ROOT
800
1000
MHz
GPU3D_SHADER_CLK_ROOT
800
1000
MHz
GPU2D_CLK_ROOT
800
1000
MHz
AUDIO_AXI_CLK_ROOT
600
800
MHz
HSIO_AXI_CLK_ROOT
400
500
MHz
MEDIA_ISP_CLK_ROOT
400
500
MHz
ENET_AXI_CLK_ROOT
266
266
MHz
NAND_USDHC_BUS_CLK_ROOT
266
266
MHz
VPU_BUS_CLK_ROOT
600
800
MHz
MEDIA_AXI_CLK_ROOT
400
500
MHz
Table 12. Operating ranges (continued)
Parameter description
Symbol
Min
Typ
Max1,2
Unit
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com