Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 21 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 17Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 18Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 19Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 20Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 21Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 22Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 23Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 24Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 111 page
background image
Electrical characteristics
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
21
package to keep them clean, but they can be directly shared with other power rails on the board to reduce
the number of power supplies from the PMIC.
For all the integrated PCIe PHY, LVDS PHY, MIPI PHY, and USB PHY, their 3.3 V (where supported),
1.8 V and 0.85/0.95 V power will be supplied externally through power pads. The powers to those PHYs
are separated with other power pads on the package to keep them clean, but they can be directly shared
with other power rails on the board to reduce the number of power supplies from the PMIC. A LDO will
be integrated to generate the 1.2 V required for the MIPI PHY. The MIPI PHY also has integrated within
its PHY and LDO to generate its 0.4V supply. External capacitors are required for both the 1.2 V and 0.4
V internal LDO regulators.
For SNVS/RTC, the 1.8 V IO pre-driver supply and 1.8 V IO pad supply will also be supplied externally.
The 0.8 V SNVS_LP core domain logic is supplied by an internal LDO.
Figure 3 is the power architecture diagram. Note it only shows supplies, and does not show capacitors that
may be required for internal LDO regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com