Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 5Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 6Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 7Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 8Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 9Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 10Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 11Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 12Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 111 page
background image
Modules list
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
9
2
Modules list
The i.MX 8M Plus family of processors contains a variety of digital and analog modules. Table 4 describes
these modules in alphabetical order.
Table 4. i.MX 8M Plus modules list
Block mnemonic
Block name
Brief description
APBH-DMA
NAND Flash and BCH ECC
DMA Controller
DMA controller used for GPMI2 operation.
Arm
Arm Platform
The Arm Core Platform includes a quad Cortex-A53 core and a
Cortex-M7 core. The Cortex-A53 core includes associated
sub-blocks, such as the Level 2 Cache Controller, Snoop Control
Unit (SCU), General Interrupt Controller (GIC), private timers,
watchdog, and CoreSight debug modules. The Cortex-M7 core is
used as a customer microcontroller.
ASRC
Asynchronous Sample Rate
Converter
The Asynchronous Sample Rate Converter (ASRC) can process 4
groups of audio channels with an independent time-base
simultaneously. A group of channels with the same time-base (or
resampling ration) is referred to as a context. Each context has
independent processing pipelines. Contexts can be configured to
start and stop at any time without affecting the processing of other
contexts. The ASRC supports up to 32 audio channels, which can
either be assigned to a single context or spread across multiple
contexts.
BCH
Binary-BCH ECC Processor
The BCH module provides up to 62-bit ECC encoder/decoder for
NAND Flash controller (GPMI).
CAAM
Cryptographic accelerator and
assurance module
CAAM is a cryptographic accelerator and assurance module. CAAM
implements several encryption and hashing functions, a run-time
integrity checker, entropy source generator, and a Pseudo Random
Number Generator (PRNG). The PRNG is certifiable by the
Cryptographic Algorithm Validation Program (CAVP) of the National
Institute of Standards and Technology (NIST).
CAAM also implements a Secure Memory mechanism. In i.MX 8M
Plus processors, the secure memory provided is 32 KB.
CCM
GPC
SRC
Clock Control Module, General
Power Controller, System Reset
Controller
These modules are responsible for clock and reset distribution in the
system, and also for the system power management.
CSU
Central Security Unit
The Central Security Unit (CSU) is responsible for setting
comprehensive security policy within the i.MX 8M Plus platform.
CTI-0
CTI-1
CTI-2
CTI-3
CTI-4
Cross Trigger Interface
Cross Trigger Interface (CTI) allows cross-triggering based on inputs
from masters attached to CTIs. The CTI module is internal to the
Cortex-A53 core platform.
DAP
Debug Access Port
The DAP provides real-time access for the debugger without halting
the core to access:
• System memory and peripheral registers
• All debug configuration registers
The DAP also provides debugger access to JTAG scan chains.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com