Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 19 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 15Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 16Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 17Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 18Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 19Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 20Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 21Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 22Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 111 page
background image
Electrical characteristics
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
19
DDR I/O supply voltage
NVCC_DRAM
-0.3
1.575
V
—
Arm PLL supply voltage
VDD_ARM_PLL_0P8
-0.3
1.15
V
—
VDD_ARM_PLL_1P8
-0.3
2.15
V
—
PCIe PHY supply voltage
VDD_PCI_0P8
-0.3
1.15
V
—
VDD_PCI_1P8
-0.3
2.15
V
—
MIPI PHY supply voltage
VDD_MIPI_0P8
-0.3
1.15
V
—
VDD_MIPI_1P8
-0.3
2.15
V
—
USB PHY supply voltage
VDD_USB_0P8
-0.3
1.15
V
—
VDD_USB_1P8
-0.3
2.15
V
—
VDD_USB_3P3
-0.3
3.95
V
—
USB_VBUS input detected
USB1_VBUS,
USB2_VBUS
-0.3
3.95
V
—
XTAL supply voltage
VDD_24M_XTAL_1P8
-0.3
2.15
V
—
Input/output voltage range
Vin/Vout
-0.3
OVDD1 + 0.3
V
—
Storage temperature range
TSTORAGE
-40
150
oC—
1 OVDD is the I/O supply voltage.
Table 10. Electrostatic discharge and latch up ratings
Parameter description
Rating
Reference
Comment
Electrostatic Discharge
(ESD)
Human Body Model (HBM)
±1000 V
JS-001-2017
—
Charged Device Model (CDM)
±250 V
JS-002-2018
—
Latch UP (LU)
Immunity level:
• Class I@ 25 oC ambient
temperature
• Class II @ 105 oC ambient
temperature
A
A
JESD78E
—
Table 9. Absolute maximum ratings (continued)
Parameter description
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com