Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 71 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 67Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 68Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 69Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 70Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 71Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 72Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 73Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 74Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 111 page
background image
Electrical characteristics
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
71
•
HDMI 2.0a Specification
•
HDMI 1.4b Specification
3.8.9
MIPI D-PHY parameters
MIPI D-PHY electrical specifications are compliance.
Typical values measured at AVDD = 1.8 V, AVSS = 0 V, TJ = 25oC; unless otherwise specified.
Table 54 describes the electrical specifications.
Table 53. Electrical characteristics
Characteristics
Symbol
Min
Typ
Max
Unit
Test conditions
Output voltage accuracy1
1 This result is valid after output voltage trimming.
VOUT
1.14
1.2
1.26
V
—
Driving current
ILOAD
——
20
mA
—
AVDD current dissipation2
2 Typical values are measured at the typical supply voltage and at a junction temperature of 25oC. The maximum values are
measured at the maximum supply voltage and at a junction temperature of 125oC.
IOP_AVDD
—
150
480
µAEN = 1’b1
DVDD current dissipation3
3 This means the total effective capacitance value including parasitic capacitance.
IOP_DVDD
—
0.05
7.3
µAEN = 1’b1
AVDD power down current2
IPD_AVDD
—10
80
µAEN = 1’b0
DVDD power down current2
IPD_DVDD
—
0.05
7.3
µAEN = 1’b0
Load capacitance
CL
1—
9.4
µF—
Table 54. DC power supply, LP-RX, and skew calibration specifications (Sheet 1 of 2)
Category
Parameter
Description
Condition
Min
Typ
Max
Unit
Power
POP
Normal mode
operating power
4 lane, 2.1
Gbps, TYP
—54.12
—
mW
PPD
Power-down mode
power
TYP
—
0.025
—
mW
LP-RX
VIH
Logic1 input
voltage
—880
—
—
mV
VIL
Logic0 input
voltage, not in
ULPS state
—
—
—
550
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com