Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 98 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 94Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 95Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 96Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 97Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 98Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 99Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 100Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 101Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
98
NXP Semiconductors
Package information and contact assignments
MIPI_DSI1_D1_P
A17
VDD_MIPI_1P8
PHY
—
—
Output low
MIPI_DSI1_D2_N
B19
VDD_MIPI_1P8
PHY
—
—
Output low
MIPI_DSI1_D2_P
A19
VDD_MIPI_1P8
PHY
—
—
Output low
MIPI_DSI1_D3_N
B20
VDD_MIPI_1P8
PHY
—
—
Output low
MIPI_DSI1_D3_P
A20
VDD_MIPI_1P8
PHY
—
—
Output low
MIPI_VREG1_CAP
F18
VDD_MIPI_1P8
PHY
—
—
Output
MIPI_TEST_DNU
F24
VDD_MIPI_1P8
PHY
——
—
NAND_ALE
N25
NVCC_NAND
GPIO
ALT5
gpio3.IO[0]
Input with PD
NAND_CE0_B
L26
NVCC_NAND
GPIO
ALT5
gpio3.IO[1]
Input with PD
NAND_CE1_B
T29
NVCC_NAND
GPIO
ALT5
gpio3.IO[2]
Input with PD
NAND_CE2_B
P28
NVCC_NAND
GPIO
ALT5
gpio3.IO[3]
Input with PD
NAND_CE3_B
N28
NVCC_NAND
GPIO
ALT5
gpio3.IO[4]
Input with PD
NAND_CLE
M28
NVCC_NAND
GPIO
ALT5
gpio3.IO[5]
Input with PD
NAND_DATA00
R25
NVCC_NAND
GPIO
ALT5
gpio3.IO[6]
Input with PD
NAND_DATA01
L25
NVCC_NAND
GPIO
ALT5
gpio3.IO[7]
Input with PD
NAND_DATA02
L24
NVCC_NAND
GPIO
ALT5
gpio3.IO[8]
Input with PD
NAND_DATA03
N24
NVCC_NAND
GPIO
ALT5
gpio3.IO[9]
Input with PD
NAND_DATA04
P29
NVCC_NAND
GPIO
ALT5
gpio3.IO[10]
Input with PD
NAND_DATA05
N29
NVCC_NAND
GPIO
ALT5
gpio3.IO[11]
Input with PD
NAND_DATA06
M29
NVCC_NAND
GPIO
ALT5
gpio3.IO[12]
Input with PD
NAND_DATA07
R29
NVCC_NAND
GPIO
ALT5
gpio3.IO[13]
Input with PD
NAND_DQS
R26
NVCC_NAND
GPIO
ALT5
gpio3.IO[14]
Input with PD
NAND_RE_B
R28
NVCC_NAND
GPIO
ALT5
gpio3.IO[15]
Input with PD
NAND_READY_B
T28
NVCC_NAND
GPIO
ALT5
gpio3.IO[16]
Input with PD
NAND_WE_B
U28
NVCC_NAND
GPIO
ALT5
gpio3.IO[17]
Input with PD
NAND_WP_B
U29
NVCC_NAND
GPIO
ALT5
gpio3.IO[18]
Input with PD
ONOFF
G22
NVCC_SNVS
GPIO
ALT0
snvsmix.ONOFF
Input with PU
PCIE_REF_PAD_CLK_N
E16
VDD_PCI_1P8
PHY
—
—
High-Z
PCIE_REF_PAD_CLK_P
D16
VDD_PCI_1P8
PHY
—
—
High-Z
PCIE_RESREF
F16
VDD_PCI_1P8
PHY
—
—
High-Z
PCIE_RXN_N
B14
VDD_PCI_1P8
PHY
—
—
Input, High-Z
Table 77. 15 x 15 mm functional contact assignments (continued)
Ball Name
Ball
Power group
Ball type
Reset condition
Default
Default function
Input/
Output status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com