Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 83 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 79Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 80Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 81Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 82Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 83Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 84Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 85Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 86Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 111 page
background image
Electrical characteristics
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
83
3.8.15.2.2
UART receiver
Figure 52 depicts the RS-232 Serial mode receive timing with 8 data bit/1 stop bit format. Table 72 lists
Serial mode receive timing characteristics.
Figure 52. UART RS-232 Serial mode receive timing diagram
3.8.16 USB PHY parameters
The USB PHY parameters meet the electrical compliance requirements listed as following:
•
Universal Serial Bus Revision 3.0 Specification (including ECNs and errata), On-The-Go and Embed-
ded Host Supplement to the USB 3.0 Specification (including ECNS and Errata)
•
Universal Serial Bus Revision 2.0 Specification (including ECNs and errata), On-The-Go and Embed-
ded Host Supplement to the Universal Serial Bus Revision 2.0 Specification (including ECNs and
errata)
3.8.16.1 Pad/Package/Board connections
The USBx_VBUS pin cannot directly connect to 5 V VBUS voltage on the USB2.0 link, each
USBx_VBUS pin must be isolated by an external 30 K
 1% precision resistor if connects to 5 V VBUS.
The USB 2.0 PHY uses USBx_TXRTUNE and an external resistor to calibrate the USBx_DP/DN 45
source impedance. The external resistor value is 200
 1% precision on each of USBx_TXRTUNE pad to
ground.
3.8.16.2 USB PHY worst power consumption
Table 73 shows the USB 2.0 PHY worst power dissipation.
Table 72. RS-232 Serial mode receive timing parameters
ID
Parameter
Symbol
Min
Max
Unit
UA2
Receive Bit Time1
1 The UART receiver can tolerate 1/(16 x F
baud_rate) tolerance in each bit. But accumulation tolerance in one frame must not
exceed 3/(16 x Fbaud_rate).
tRbit
1/Fbaud_rate
2 - 1/(16
x Fbaud_rate)
2 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
1/Fbaud_rate +
1/(16 x Fbaud_rate)
—
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
UARTx_RX_DATA
(output)
Bit 3
Start
Bit
STOP
BIT
Next
Start
Bit
Possible
Parity
Bit
Par Bit
UA2
UA2
UA2
UA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com