Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 7Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 8Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 9Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 10Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 11Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 12Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 13Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 14Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 111 page
background image
Modules list
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
11
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
General Purpose I/O Modules
Used for general purpose input/output to external ICs. Each GPIO
module supports up to 32 bits of I/O.
GPMI
General Purpose Memory
Interface
The GPMI module supports up to 4x NAND devices and 62-bit ECC
encryption/decryption for NAND Flash Controller (GPMI2). GPMI
supports separate DMA channels for each NAND device.
GPT1
GPT2
GPT3
GPT4
GPT5
GPT6
General Purpose Timer
Each GPT is a 32-bit “free-running” or “set-and-forget” mode timer
with programmable prescaler and compare and capture register. A
timer counter value can be captured using an external event and can
be configured to trigger a capture event on either the leading or
trailing edges of an input pulse. When the timer is configured to
operate in “set-and-forget” mode, it is capable of providing precise
interrupts at regular intervals with minimal processor intervention.
The counter has output compare logic to provide the status and
interrupt at comparison. This timer can be configured to run either on
an external clock or on an internal clock.
GPU2D
Graphics Processing Unit-2D
This Graphic Processing Unit defines a high-performance, multi-pipe
2D raster graphics core that accelerates the 2D graphics display.
GPU3D
Graphics Processing Unit-3D
The GPU3D provides hardware acceleration for 3D graphics
algorithms with sufficient processor power to run desktop quality
interactive graphics applications on displays.
I2C1
I2C2
I2C3
I2C4
I2C5
I2C6
I2C Interface
I2C provides serial interface for external devices. Data rates of up to
320 kbps are supported.
IOMUXC
IOMUX Control
This module enables flexible I/O multiplexing. Each IO pad has a
default as well as several alternate functions. The alternate functions
are software configurable.
LCDIF
LCD interface
The LCD Interface (LCDIF) is a general purpose display controller
used to drive a wide range of display devices varying in size and
capability.
LDB
LVDS Display Bridge
LVDS Display Bridge is used to connect the LCDIF to External LVDS
Display Interface. LDB supports two channels; each channel has
following signals:
• One clock pair
• Four data pairs
Each signal pair contains LVDS special differential pad (PadP,
PadM).
MIPI CSI1
MIPI CSI2
(four-lane)
MIPI Camera Serial Interface
This module provides one four-lane MIPI camera serial interfaces,
which operates up to a maximum bit rate of 1.5 Gbps.
MIPI DSI (four-lane)
MIPI Display Serial Interface
This module provides a four-lane MIPI display serial interface
operating up to a maximum bit rate of 1.5 Gbps.
Table 4. i.MX 8M Plus modules list (continued)
Block mnemonic
Block name
Brief description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com