Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 14 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 10Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 11Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 12Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 13Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 14Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 15Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 16Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 17Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
14
NXP Semiconductors
Modules list
2.1
Unused input and output guidance
If a function of the i.MX 8M Plus is not used, the I/Os and power rails of that function can be terminated
to reduce overall board power. Table 5 is recommended connectivities for LVDS, PCIe, HDMI, eARC, and
other digital I/Os. Table 6 is recommended connectivities for MIPI. Table 7 is recommended connectivities
for USB.
UART1
UART2
UART3
UART4
UART Interface
Each of the UARTv2 modules supports the following serial data
transmit/receive protocols and configurations:
• 7- or 8-bit data words, 1 or 2 stop bits, programmable parity (even,
odd, or none)
• Programmable baud rates up to 4 Mbps. This is a higher max
baud rate relative to the 1.875 MHz, which is stated by the
TIA/EIA-232-F standard.
• 32-byte FIFO on Tx and 32 half-word FIFO on Rx supporting
auto-baud
uSDHC1
uSDHC2
uSDHC3
SD/MMC and SDXC
Enhanced Multi-Media Card /
Secure Digital Host Controller
i.MX 8M Plus SoC characteristics:
All the MMC/SD/SDIO controller IPs are based on the uSDHC IP.
They are designed to support:
• SD/SDIO standard, up to version 3.0.
• MMC standard, up to version 5.1.
• 1.8 V and 3.3 V operation, but do not support 1.2 V operation.
• 1-bit/4-bit SD and SDIO modes, 1-bit/4-bit/8-bit MMC mode.
USB 3.0
2x USB 3.0 controllers and
PHYs
Two USB controllers and PHYs that support USB 3.0. Each USB
instance contains:
• USB 3.0 core, which can operate in 2.0 mode
VPU
Video Processing Unit
A high performing video processing unit (VPU), which covers many
SD-level and HD-level video decoders. See the
i.MX 8M Plus
Applications Processor Reference Manual (IMX8MPRM) for a
complete list of the VPU’s decoding and encoding capabilities.
WDOG1
WDOG2
WDOG3
Watchdog
The watchdog (WDOG) timer supports two comparison points
during each counting period. Each of the comparison points is
configurable to evoke an interrupt to the Arm core, and a second
point evokes an external event on the WDOG line.
XTALOSC
Crystal Oscillator interface
The XTALOSC module enables connectivity to an external crystal
oscillator device. In a typical application use case, it is used for a 24
MHz oscillator.
Table 5. Unused function strapping recommendations
Function
Ball name
Recommendations
if Unused
LVDS
VDD_LVDS_1P8, LVDS1_CLK_P, LVDS1_CLK_N, LVDS1_Dx_P,
LVDS1_Dx_N, LVDS2_CLK_P, LVDS2_CLK_N, LVDS2_Dx_P, LVDS2_Dx_N,
Not connected
PCIe
VDD_PCI_1P8, VDD_PCI_0P8, PCIE_TXN_P, PCIE_TXN_N, PCIE_RXN_P,
PCIE_RXN_N, PCIE_REF_PAD_CLK_P, PCIE_REF_PAD_CLK_N,
PCIE_RESREF
Not connected
Table 4. i.MX 8M Plus modules list (continued)
Block mnemonic
Block name
Brief description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com