Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 70 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 66Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 67Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 68Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 69Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 70Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 71Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 72Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 73Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
70
NXP Semiconductors
Electrical characteristics
For DDR Toggle mode, Figure 36 shows the timing diagram of NAND_DQS/NAND_DATAxx read valid
window. The typical value of tDQSQ is 1.4 ns (max) and 1.4 ns (max) for tQHS at 133 MB/s. GPMI
samples NAND_DATA[7:0] at both the rising and falling edges of a delayed NAND_DQS signal, which
is provided by an internal DPLL. The delay value of this register can be controlled by the GPMI register
GPMI_READ_DDR_DLL_CTRL.SLV_DLY_TARGET (see the GPMI chapter of the i.MX 8M Plus
Applications Processor Reference Manual [IMX8MPRM]). Generally, the typical delay value is equal to
0x7, which means a 1/4 clock cycle delay is expected. But if the board delay is big enough and cannot be
ignored, the delay value should be made larger to compensate the board delay.
3.8.6
I2C bus characteristics
The Inter-Integrated Circuit (I2C) provides functionality of a standard I2C master and slave. The I2C is
designed to be compatible with the I2C Bus Specification, version 2.1, by Philips Semiconductor (now
NXP Semiconductors).
3.8.7
CAN network AC electrical specifications
The Controller Area Network (CAN) module is a communication controller implementing the CAN
protocol according to the CAN with Flexible Data rate (CAN FD) protocol and the CAN 2.0B protocol
specification. The processor has two CAN modules available. Tx and Rx ports for both modules are
multiplexed with other I/O pins. See the IOMUXC chapter of the device reference manual to see which
pins expose Tx and Rx pins; these ports are named CAN_TX and CAN_RX, respectively.
3.8.8
HDMI Tx module parameters
The HDMI 2.0a Tx interface (controller and PHY) is complaint with following specifications:
NF24 postamble delay
tPOST
POST_DELAY
 T + 0.43 [see
note2]
—ns
NF28 Data write setup
tDS5
0.25
 tCK - 0.32
—
ns
NF29 Data write hold
tDH5
0.25
 tCK - 0.79
—
ns
NF30 NAND_DQS/NAND_DQ read setup skew
tDQSQ6
—3.18
ns
NF31 NAND_DQS/NAND_DQ read hold skew
tQHS6
—3.27
ns
1
AS minimum value can be 0, while DS/DH minimum value is 1.
2 T = tCK (GPMI clock period) - 0.075 ns (half of maximum p-p jitter).
3 CE_DELAY represents HW_GPMI_TIMING2[CE_DELAY]. NF18 is guaranteed by the design. Read/Write operation is started
with enough time of ALE/CLE assertion to low level.
4 PRE_DELAY + 1
 (AS + DS)
5 Shown in Figure 37.
6 Shown in Figure 38.
Table 52. Toggle mode timing parameters (continued)
ID
Parameter
Symbol
Timing
T = GPMI Clock Cycle
Unit
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com