Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 76 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 72Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 73Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 74Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 75Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 76Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 77Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 78Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 79Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
76
NXP Semiconductors
Electrical characteristics
Figure 43. FlexSPI input timing in DDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x0, 0x1, 0x2
3.8.12.1.4 DDR mode with FlexSPIn_MCR0[RXCLKSRC] = 0x3
Figure 44. FlexSPI input timing in DDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3
3.8.12.2 FlexSPI output/write timing
The following sections describe output signal timing for the FlexSPI controller including control signals
and data outputs.
3.8.12.2.1 SDR mode
Table 62. FlexSPI input timing in DDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3 (Case 1)
Symbol
Parameter
Min.
Max.
Unit
—
[D:] Frequency of operation
—
166
MHz
TSCKD
[D:] Time from SCK to data valid
—
—
ns
TSCKDQS
[D:] Time from SCK to DQS
—
—
ns
TSCKD - TSCKDQS
[D:] Time delta between TSCKD and
TSCKDQS
-0.6
0.6
ns
Table 63. FlexSPI output timing in SDR mode
Symbol
Parameter
Min.
Max.
Unit
—
[D:] Frequency of operation1
—166
MHz
TCK
[D:] SCK clock period
6.02
—
ns
F1
F2
F1 F2
SCLK
SIO[0:7]
Internal Sample Clocks
TSCKD
TSCKDQS
SCK
SIO[0:7]
DQS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com