Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 67 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 63Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 64Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 65Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 66Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 67Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 68Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 69Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 70Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 111 page
background image
Electrical characteristics
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
67
Figure 36. NAND_DQS/NAND_DQ read valid window
For DDR Source Synchronous mode, Figure 36 shows the timing diagram of
NAND_DQS/NAND_DATAxx read valid window. The typical value of tDQSQ is 0.85 ns (max) and 1 ns
(max) for tQHS at 200 MB/s. GPMI will sample NAND_DATA[7:0] at both rising and falling edge of an
delayed NAND_DQS signal, which can be provided by an internal DPLL. The delay value can be
controlled by GPMI register GPMI_READ_DDR_DLL_CTRL.SLV_DLY_TARGET (see the GPMI
chapter of the i.MX 8M Plus Applications Processor Reference Manual [IMX8MPRM]). Generally, the
typical delay value of this register is equal to 0x7 which means 1/4 clock cycle delay expected. But if the
board delay is big enough and cannot be ignored, the delay value should be made larger to compensate the
board delay.
Table 51. Source Synchronous mode timing parameters1
1 GPMI’s Source Synchronous mode output timing can be controlled by the module’s internal registers
GPMI_TIMING2_CE_DELAY,GPMI_TIMING_PREAMBLE_DELAY,GPMI_TIMING2_POST_DELAY.ThisACtimingdepends
on these registers settings. In the table, CE_DELAY/PRE_DELAY/POST_DELAY represents each of these settings.
ID
Parameter
Symbol
Timing
T = GPMI Clock Cycle
Unit
Min.
Max.
NF18 NAND_CE0_B access time
tCE
CE_DELAY
 T - 0.79 [see note2]
2 T = tCK(GPMI clock period) –0.075 ns (half of maximum p-p jitter).
ns
NF19 NAND_CE0_B hold time
tCH
0.5
 tCK - 0.63 [see note2]ns
NF20 Command/address NAND_DATAxx setup time
tCAS
0.5
 tCK - 0.05
ns
NF21 Command/address NAND_DATAxx hold time
tCAH
0.5
 tCK - 1.23
ns
NF22 clock period
tCK
—
ns
NF23 preamble delay
tPRE
PRE_DELAY
 T - 0.29 [see note2]ns
NF24 postamble delay
tPOST
POST_DELAY
 T - 0.78 [see note2]ns
NF25 NAND_CLE and NAND_ALE setup time
tCALS
0.5
 tCK - 0.86
ns
NF26 NAND_CLE and NAND_ALE hold time
tCALH
0.5
 tCK - 0.37
ns
NF27 NAND_CLK to first NAND_DQS latching transition
tDQSS
T - 0.41 [see note2]ns
NF28 Data write setup
—
0.25
 tCK - 0.35
NF29 Data write hold
—
0.25
 tCK - 0.85
NF30 NAND_DQS/NAND_DQ read setup skew
—
—
2.06
NF31 NAND_DQS/NAND_DQ read hold skew
—
—
1.95
D0
D1
D2
D3
NF30
NF31
NF30
NF31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com