Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 23 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 19Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 20Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 21Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 22Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 23Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 24Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 25Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 26Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 111 page
background image
Electrical characteristics
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
23
3.1.4
Operating ranges
Table 12 provides the operating ranges of the i.MX 8M Plus of processors. For details on the chip's power
structure, see the “Power Management Unit (PMU)” chapter of the i.MX 8M Plus Applications Processor
Reference Manual (IMX8MPRM).
Table 12. Operating ranges
Parameter description
Symbol
Min
Typ
Max1,2
Unit
Comment
Power supply for Quad-A53
VDD_ARM
0.805
0.850
0.950
V
Power supply for Cortex®-A53,
nominal mode, 1.2 GHz
0.900
0.950
1.000
V
Power supply for Cortex®-A53,
overdrive mode, 1.6 GHz
0.950
1.00
1.050
V
Power supply for Cortex®-A53,
Super overdrive mode, 1.8
GHz3
Power supply for SoC logic
VDD_SOC
0.805
0.850
0.900
V
Power supply for SOC,
nominal mode
0.900
0.950
1.000
V
Power supply for SOC,
overdrive mode
DDR I/O supply voltage
NVCC_DRAM
1.140
1.200
1.260
V
DDR4
1.045
1.100
1.155
V
LPDDR4
SNVS supply voltage
NVCC_SNVS_1P8
1.710
1.800
1.950
V
I/O supply and I/O Pre-driver
supply for GPIO in SNVS bank
Supply for analog PLLs
VDD_ANA1_0P8
0.805
0.850
0.900
V
Power supply for ANAMIX PLL,
nominal mode
0.900
0.950
1.000
V
Power supply for ANAMIX PLL,
overdrive mode
1.8 V supply for PLLs,
eFuse, and Temperature
Sensor
VDD_ANAx_1P8
1.710
1.800
1.890
V
—
1.8 V supply for 24 MHz
XTAL
VDD_24M_XTAL_1P8
1.710
1.800
1.890
V
—
USB PHY supply voltage
VDD_USB_0P8
0.805
0.850
0.900
V
Digital supply for USB PHY,
nominal mode
0.900
0.950
1.000
V
Digital supply for USB PHY,
overdrive mode
VDD_USB_3P3
3.069
3.300
3.630
V
3.3 V supply for USB PHY
VDD_USB_1P8
1.710
1.800
1.890
V
1.8 V supply for USB PHY
USBx_VBUS supply voltage
USBx_VBUS
1.34
—
3.6
V
3.3 V supply for USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com