Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 45 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 41Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 42Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 43Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 44Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 45Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 46Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 47Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 48Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 111 page
background image
Electrical characteristics
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
45
and tolerances required to work with these memories are specified in the respective documents and are not
reprinted here.
Meeting the necessary timing requirements for a DDR memory system is highly dependent on the
components chosen and the design layout of the system as a whole. NXP cannot cover in this document
all the requirements needed to achieve a design that meets full system performance over temperature,
voltage, and part variation; PCB trace routing, PCB dielectric material, number of routing layers used,
placement of bulk/decoupling capacitors on critical power rails, VIA placement, GND and Supply planes
layout, and DDR controller/PHY register settings all are factors affecting the performance of the memory
system. Consult the hardware user guide for this device and NXP validated design layouts for information
on how to properly design a PCB for best DDR performance. NXP strongly recommends duplicating an
NXP validated design as much as possible in the design of critical power rails, placement of
bulk/decoupling capacitors and DDR trace routing between the processor and the selected DDR memory.
All supporting material is readily available on the device web page on
https://www.nxp.com/products/processors-and-microcontrollers/applications-processors/i.mx-applicatio
ns-processors/i.mx-8-processors:IMX8-SERIES .
Processors that demonstrate full DDR performance on NXP validated designs, but do not function on
customer designs, are not considered marginal parts. A report detailing how the returned part behaved on
an NXP validated system will be provided to the customer as closure to a customer’s reported DDR issue.
Customers bear the responsibility of properly designing the Printed Circuit Board, correctly simulating and
modeling the designed DDR system, and validating the system under all expected operating conditions
(temperatures, voltages) prior to releasing their product to market.
3.7.3.1
Clock/data/command/address pin allocations
These processors uses generic names for clock, data, and command address bus (DCF—DRAM controller
functions); see Table 79 for details about mapping of clock, data, and command address signals of
LPDDR4 and DDR4 modes.
3.8
External peripheral interface parameters
The following subsections provide information on external peripheral interfaces.
Table 35. i.MX 8M Plus DRAM controller supported SDRAM configurations
Parameter
LPDDR4
DDR4
Number of Controllers
1
1
Number of Channels
2
N/A
Number of Chip Selects
2
1
Bus Width
32 bit
32 bit
Maximum Clock Frequency
4000 MT/s
3200 MT/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com