Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 35 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 31Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 32Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 33Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 34Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 35Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 36Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 37Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 38Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 111 page
background image
Electrical characteristics
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
35
Table 23 represents the timing parameters of the power-up sequence.
3.2.2
Power-down sequence
Figure 6 illustrates the power-down sequence of i.MX 8M Plus processor.
Figure 6. The power-down sequence
Table 23. Power-up sequence
Description
Min
Typ
Max
Unit
T1
Delay from NVCC_SNVS_1P8 to stable 32K existed
0
2
—
ms
T4
Delay from PMIC_ON_REQ assert to VDD_SOC and analog 0.8 V on
0
20
—
ms
T7
Delay from VDD_SOC and analog 0.8 V assert to VDD_ARM on
0
——
ms
T8
Delay from VDD_ARM assert to analog 1.8 V on
1
——
ms
T9
Delay from analog 1.8 V assert to digital 1.8 V on
0
——
ms
T10
Delay from digital 1.8 V assert to NVCC_DRAM on
1
——
ms
T11
Delay from NVCC_DRAM assert to digital 2.5 V and 3.3 V on
0
——
ms
T13
Delay from digital 2.5 V and 3.3 V assert to POR_B de-assert
0
20
—
ms
tstep
Typical delay from POK1 of one supply to start of next supply
1 Power good at 85% of typical value
—
2
—
t1
Uncertain period before PMIC_ON_REQ assert during NVCC_SNVS_1P8 ramp up.
For ramp up requirement, only VDD_ANA0_1P8 has 5
µs minimum requirement, others do not have such
requirement.
During power-up, make sure NVCC_xxx - PVCCx_1P8 < 2 V.
NVCC_xxx (2.5 and 3.3 V)
NVCC_DRAM
PVCCx_1P8, NVCC_xxx (1.8V)
VDD_ANAx_1P8, VDD_DRAM_PLL_1P8,VDD_MIPI_1P8
VDD_24M_XTAL_1P8,VDD_USB_1P8,VCC_PCI_1P8
VDD_ARM
VDD_SOC, VDD_ANA_0P8
VDD_PCI_0P8, VDD_USB_0P8
T2
T3
T4
VDD_MIPI_0P8, VDD_DRAM_PLL_0P8
T5
T6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com