Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 64 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 60Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 61Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 62Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 63Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 64Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 65Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 66Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 67Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
64
NXP Semiconductors
Electrical characteristics
In EDO mode (Figure 31), NF16/NF17 are different from the definition in non-EDO mode (Figure 30).
They are called tREA/tRHOH (RE# access time/RE# HIGH to output hold). The typical values for them
are 16 ns (max for tREA)/15 ns (min for tRHOH) at 50 MB/s EDO mode. In EDO mode, GPMI samples
NAND_DATAxx at the rising edge of delayed NAND_RE_B provided by an internal DPLL. The delay
value can be controlled by GPMI_CTRL1.RDN_DELAY (see the GPMI chapter of the i.MX 8M Plus
Applications Processor Reference Manual [IMX8MPRM]). The typical value of this control register is
0x8 at 50 MT/s EDO mode. But if the board delay is big enough and cannot be ignored, the delay value
should be made larger to compensate the board delay.
Table 50. Asynchronous mode timing parameters1
1 GPMI’s Asynchronous mode output timing can be controlled by the module’s internal registers
HW_GPMI_TIMING0_ADDRESS_SETUP, HW_GPMI_TIMING0_DATA_SETUP, and HW_GPMI_TIMING0_DATA_HOLD.
This AC timing depends on these registers settings. In the table, AS/DS/DH represents each of these settings.
ID
Parameter
Symbol
Timing
T = GPMI Clock Cycle
Unit
Min.
Max.
NF1
NAND_CLE setup time
tCLS
(AS + DS)
 T - 0.12 [see notes2,3]
2
AS minimum value can be 0, while DS/DH minimum value is 1.
3 T = GPMI clock period -0.075 ns (half of maximum p-p jitter).
ns
NF2
NAND_CLE hold time
tCLH
DH
 T - 0.72 [see note2]ns
NF3
NAND_CE0_B setup time
tCS
(AS + DS + 1)
 T [see notes3,2]ns
NF4
NAND_CE0_B hold time
tCH
(DH+1)
 T - 1 [see note2]ns
NF5
NAND_WE_B pulse width
tWP
DS
 T [see note2]ns
NF6
NAND_ALE setup time
tALS
(AS + DS)
 T - 0.49 [see notes3,2]ns
NF7
NAND_ALE hold time
tALH
DH
 T - 0.42 [see note2]ns
NF8
Data setup time
tDS
DH
 T - 0.26 [see note2]ns
NF9
Data hold time
tDH
DH
 T - 1.37 [see note2]ns
NF10
Write cycle time
tWC
(DS + DH)
 T [see note2]ns
NF11
NAND_WE_B hold time
tWH
DH
 T [see note2]ns
NF12
Ready to NAND_RE_B low
tRR4
4 NF12 is guaranteed by the design.
(AS + 2)
 T [see 3,2]—
ns
NF13
NAND_RE_B pulse width
tRP
DS
 T [see note2]ns
NF14
READ cycle time
tRC
(DS + DH)
 T [see note2]ns
NF15
NAND_RE_B high hold time
tREH
DS
 T [see note2]ns
NF16
Data setup on read
tDSR
—
(DS
 T -0.67)/18.38 [see
notes5,6]
5 Non-EDO mode.
6 EDO mode, GPMI clock
 100 MHz
(AS=DS=DH=1, GPMI_CTL1 [RDN_DELAY] = 8, GPMI_CTL1 [HALF_PERIOD] = 0).
ns
NF17
Data hold on read
tDHR
0.82/11.83 [see notes5,6]—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com