Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 59 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 55Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 56Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 57Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 58Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 59Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 60Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 61Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 62Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 111 page
background image
Electrical characteristics
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
59
3.8.4.2
RMII mode timing
In RMII mode, enet1.RMII_CLK is used as the REF_CLK, which is a 50 MHz ± 50 ppm continuous
reference clock.
ENET_TXC
enet_qos.RMII_TXER
enet_qos.RGMII_ TXC;
RMII/RGMII ALT1/ALT0
O
For RMII—ENET_TXC works
as RMII.TX_ER in the ALT1
mode.
For RGMII—ENET_TXC
works as RGMII.TX_CLK in
the ALT0 mode.
ENET_RX_CTL
RMII.RX_EN (CRS_DV);
enet_qos.RGMII_RC_CTL
RMII/RGMII
ALT0
I
—
ENET_RXC
RMII_RXER;
enet_qos.RGMII_RXC
RMII/RGMII ALT1/ALT0
I
For RMII—ENET_RXC works
as RMII.RX_ER in the ALT1
mode.
For RGMII—ENET_RXC
works as RGMII.RX_CLK in
the ALT0 mode.
ENET_RD0
enet_qos.RGMII_RD0
RMII/RGMII
ALT0
I
—
ENET_RD1
enet_qos.RGMII_RD1
RMII/RGMII
ALT0
I
—
ENET_RD2
enet_qos.RGMII_RD2
RGMII
ALT0
I
Only used for RGMII.
ENET_RD3
enet_qos.RGMII_RD3
RGMII
ALT0
I
Only used for RGMII.
I2C1_SCL
enet_qos.MDC
RMII/RGMII
ALT1
O
—
I2C1_SDA
enet_qos.MDIO
RMII/RGMII
ALT1
I/O
—
I2C2_SCL
enet_qos.1588_EVENT1_IN;
enet_qos.1588_EVENT1_AUX_IN
RMII/RGMII ALT1/ALT4
I
ALT1 is for
enet_qos.1588_EVENT1_IN.
ALT4 is for
enet_qos.1588_EVENT1_AU
X_IN.
I2C2_SDA
enet_qos.1588_EVENT1_OUT
RMII/RGMII
ALT1
O
—
SAI2_MCLK
enet_qos.1588_EVENT3_IN;
enet_qos.1588_EVENT3_AUX_IN
RMII/RGMII ALT2/ALT4
I
ALT2 is for
enet_qos.1588_EVENT3_IN.
ALT4 is for
enet_qos.1588_EVENT3_AU
X_IN.
SAI2_RXD0
enet_qos.1588_EVENT2_OUT
RMII/RGMII
ALT2
O
—
SAI2_TXD0
enet_qos.1588_EVENT2_IN;
enet_qos.1588EVENT2_AUX_IN
RMII/RGMII ALT2/ALT4
I
ALT2 is for
enet_qos.1588_EVENT2_IN.
ALT4 is for
enet_qos.1588_EVENT2_AU
X_IN.
SAI2_TXFS
enet_qos.1588_EVENT3_OUT
RMII/RGMII
ALT2
O
—
Table 47. ENET QOS signal mapping (continued)
Pad name
Description
Mode
Alt mode
Direction
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com