Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 73 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 69Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 70Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 71Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 72Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 73Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 74Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 75Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 76Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 111 page
background image
Electrical characteristics
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
73
3.8.12 FlexSPI timing parameters
Measurement is with a load of 35 pF on SCK and SIO pins and an input slew rate of 1 V/ns.
3.8.12.1 FlexSPI input/read timing
There are three sources for the internal sample clock for FlexSPI read data:
•
Dummy read strobe generated by FlexSPI controller and looped back internally
(FlexSPIn_MCR0[RXCLKSRC] = 0x0)
•
Dummy read strobe generated by FlexSPI controller and looped back through the DQS pad
(FlexSPIn_MCR0[RXCLKSRC] = 0x1)
•
Read strobe provided by memory device and input from DQS pad
(FlexSPIn_MCR0[RXCLKSRC] = 0x3)
The following sections describe input signal timing for each of these four internal sample clock sources.
3.8.12.1.1 SDR mode with FlexSPIn_MCR0[RXCLKSRC] = 0x0, 0x1, 0x2
Table 55. PWM output timing parameters
ID
Parameter
Min
Max
Unit
PWM Module Clock Frequency
0
66 (ipg_clk)
MHz
P1
PWM output pulse width high
12
—
ns
P2
PWM output pulse width low
12
—
ns
Table 56. FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x0
Symbol
Parameter
Min.
Max.
Unit
Notes
—
[D:] Frequency of operation
—
66
MHz
—
F1
[D:] Setup time for incoming data
8.67
—
ns
1
1 The setup specification here assumes the data learning feature is not used. If data learning is enabled, then TIS can be
decreased by up to 2ns.
F2
[D:] Hold time for incoming data
0
—
ns
—
Table 57. FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x1, 0x2
Symbol
Parameter
Min.
Max.
Unit
Notes
—
[D:] Frequency of operation
—
133
MHz
—
F1
[D:] Setup time for incoming data
1.5
—
ns
1
1 The setup specification here assumes the data learning feature is not used. If data learning is enabled, then TIS can be
decreased by up to 2ns.
F2
[D:] Hold time for incoming data
1
—
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com