Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 30 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 26Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 27Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 28Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 29Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 30Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 31Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 32Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 33Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
30
NXP Semiconductors
Electrical characteristics
capacitors implements a low power oscillator.
Figure 4. Crystal model and external components
Table 17. 32K crystal specifications
Parameter Description
Min
Typ
Max
Unit
Frequency
—
32.768
—
kHz
Cload1
1 CL is the load capacitance of the crystal that is recommended by the crystal vendors to obtain target clock frequency. CL is
given by the following formula: CL = {CL1 x CL2 / (CL1 + CL2)} + PCB strays
—12.5
—
pF
Drive level2
2 Actual working drive level is depend on real design. Please contact crystal vendor for selecting drive level of crystal.
——
1
µW
ESR3
3 ESR is the equivalent series resistance of the crystal.
—
70K
—
—
Rf (feedback resistor)4
4 Rf is the feedback resistor to bias the amplifier. A larger value of Rf is preferred at lower frequencies.
4.7
—
—
M
Rs (series resistor)5
5 Rs is the series resistor to limit amplifier gain and reduce power dissipation in the crystal.
0—
1
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com