Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 36 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 32Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 33Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 34Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 35Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 36Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 37Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 38Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 39Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
36
NXP Semiconductors
Electrical characteristics
Table 24 represents the timing parameters of the power-down sequence.
3.3
PLL electrical characteristics
Table 24. Power-down sequence
Description
Min
Typ
Max
Unit
T2
Delay from digital 2.5 V and 3.3 V off to NVCC_DRAM off
0
8
—
ms
T3
Delay from NVCC_DRAM off to digital 1.8 V off
0
8
—
ms
T4
Delay from digital 1.8 V off to analog 1.8 V off
0
8
—
ms
T5
Delay from analog 1.8 V off to VDD_ARM off
0
8
—
ms
T6
Delay from VDD_ARM off to VDD_SOC off
0
8
—
ms
During power-down, make sure NVCC_xxx - PVCCx_1P8 < 2 V.
Table 25. PLL electrical parameters
PLL type
Parameter
Value
AUDIO_PLL1
Clock output range
650 MHz — 1.3 GHz
Reference clock
24 MHz
Lock time
50
µs
Jitter
±1% of output period,
50 ps
AUDIO_PLL2
Clock output range
650 MHz — 1.3 GHz
Reference clock
24 MHz
Lock time
50
µs
Jitter
±1% of output period,
 50 ps
VIDEO_PLL1
Clock output range
650 MHz — 1190 MHz
Reference clock
24 MHz
Lock time
50
µs
AV_PLL
Clock output range
552 MHz — 1368 MHz
Reference clock
24 MHz
Lock time
70
µs
SAI_PLL
Clock output range
25 MHz — 100 MHz
Reference clock
24 MHz
Lock time
50
µs
HSIO_PLL
Clock output range
100 MHz
Reference clock
24 MHz
Lock time
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com