Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 75 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 71Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 72Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 73Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 74Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 75Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 76Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 77Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 78Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 111 page
background image
Electrical characteristics
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
75
Figure 42. FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3 (Case A2)
NOTE
Timing shown is based on the memory generating read data on the SCK
falling edge and read strobe on the SCK rising edge. The FlexSPI controller
samples read data on a half-cycle delayed DQS falling edge.
3.8.12.1.3 DDR mode with FlexSPIn_MCR0[RXCLKSRC] = 0x0, 0x1, 0x2
Table 59. FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3 (Case A2)
Symbol
Parameter
Min.
Max.
Unit
—
[D:] Frequency of operation
—
166
MHz
F5
[D:] Time from SCK to data valid
—
—
ns
F6
[D:] Time from SCK to DQS
—
—
ns
—
[D:] Time delta between TSCKD and
TSCKDQS
-2
2
ns
Table 60. FlexSPI input timing in DDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x0
Symbol
Parameter
Min.
Max.
Unit
Notes
—
[D:] Frequency of operation
—
33
MHz
—
F1
[D:] Setup time for incoming data
8.67
—
ns
1
1 The setup specification here assumes the data learning feature is not used. If data learning is enabled, then TIS can be
decreased by up to 2ns.
F2
[D:] Hold time for incoming data
0
—
ns
—
Table 61. FlexSPI input timing in DDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x1, 0x2
Symbol
Parameter
Min.
Max.
Unit
Notes
—
[D:] Frequency of operation
—
66
MHz
—
F1
[D:] Setup time for incoming data
1.5
—
ns
1
1 The setup specification here assumes the data learning feature is not used. If data learning is enabled, then TIS can be
decreased by up to 2ns.
F2
[D:] Hold time for incoming data
1
—
ns
—
F5
F6
F5
F6
F5
F6
FLEXSPI_SCLK
FLEXSPI_DATA[7:0]
FLEXSPI_DQS
Internal Sample Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com