Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 46 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 42Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 43Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 44Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 45Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 46Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 47Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 48Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 49Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
46
NXP Semiconductors
Electrical characteristics
3.8.1
ECSPI timing parameters
This section describes the timing parameters of the ECSPI blocks. The ECSPI have separate timing
parameters for master and slave modes.
3.8.1.1
ECSPI Master mode timing
Figure 13 depicts the timing of ECSPI in master mode. Table 36 lists the ECSPI master mode timing
characteristics.
Figure 13. ECSPI Master mode timing diagram
Table 36. ECSPI Master mode timing parameters
ID
Parameter
Symbol
Min
Max Unit
CS1
ECSPIx_SCLK Cycle Time–Read
ECSPIx_SCLK Cycle Time–Write
tclk
See Table 37
—ns
CS2
ECSPIx_SCLK High or Low Time–Read
ECSPIx_SCLK High or Low Time–Write
tSW
21.5
7
—ns
CS3
ECSPIx_SCLK Rise or Fall1
1 See specific I/O AC parameters Section 3.5, I/O AC parameters.
tRISE/FALL
——
ns
CS4
ECSPIx_SS_B pulse width
tCSLH
Half ECSPIx_SCLK period
—
ns
CS5
ECSPIx_SS_B Lead Time (CS setup time)
tSCS
Half ECSPIx_SCLK period - 4
—
ns
CS6
ECSPIx_SS_B Lag Time (CS hold time)
tHCS
Half ECSPIx_SCLK period - 2
—
ns
CS7
ECSPIx_MOSI Propagation Delay (CLOAD =20pF)
tPDmosi
-1
1
ns
CS8
ECSPIx_MISO Setup Time
tSmiso
1.23
—
ns
CS9
ECSPIx_MISO Hold Time
tHmiso
3.09
—
ns
CS10 RDY to ECSPIx_SS_B Time2
2 SPI_RDY is sampled internally by ipg_clk and is asynchronous to all other CSPI signals.
tSDRY
5—
ns
CS7
CS2
CS2
CS4
CS6
CS5
CS8
CS9
ECSPIx_SCLK
ECSPIx_SS_B
ECSPIx_MOSI
ECSPIx_MISO
ECSPIx_RDY_B
CS10
CS3
CS3
CS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com