Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 34 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 30Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 31Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 32Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 33Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 34Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 35Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 36Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 37Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
34
NXP Semiconductors
Electrical characteristics
3.2
Power supplies requirements and restrictions
The system design must comply with power-up sequence, power-down sequence, and steady state
guidelines as described in this section to guarantee the reliable operation of the device. Any deviation
from these sequences may result in the following situations:
•
Excessive current during power-up phase
•
Prevention of the device from booting
•
Irreversible damage to the processor (worst-case scenario)
3.2.1
Power-up sequence
Figure 5 illustrates the power-up sequence of i.MX 8M Plus processor.
Figure 5. The power-up sequence
NVCC_SNVS_1P8
PMIC_ON_REQ
VDD_SOC,VDD_ANA_0P8,VDD_ARM_PLL_0P8
VDD_DRAM_PLL_0p8, VDD_MIPI_0P8
VDD_ARM
VDD_ANAx_1P8,VDD_DRAM_PLL_1P8,VDD_MIPI_1P8,
VDD_24M_XTAL_1P8,VDD_USB_1P8,VDD_PCI_1P8
PVCCx_1P8, NVCC_xxx (1.8 V)
NVCC_DRAM
NVCC_xxx (2.5 and 3.3 V),VDD_USB_3P3
POR_B
T1
T4
T7
T8
T9
T10
T11
T13
VDD_ARM_PLL_1P8
VDD_PCI_0P8,VDD_USB_0P8
32K RTC_XTALI
t1
tstep
tstep
tstep
tstep
tstep
POK
POK
POK
POK
POK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com