Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 85 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 81Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 82Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 83Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 84Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 85Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 86Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 87Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 88Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 111 page
background image
Boot mode configuration
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
85
4
Boot mode configuration
This section provides information on Boot mode configuration pins allocation and boot devices interfaces
allocation.
4.1
Boot mode configuration pins
Table 74 provides boot options, functionality, fuse values, and associated pins. Several input pins are also
sampled at reset and can be used to override fuse values, depending on the value of BT_FUSE_SEL fuse.
The boot option pins are in effect when BT_FUSE_SEL fuse is ‘0’ (cleared, which is the case for an
unblown fuse). For detailed Boot mode options configured by the Boot mode pins, see the “System Boot,
Fusemap, and eFuse” chapter in the i.MX 8M Plus Applications Processor Reference Manual
(IMX8MPRM).
4.2
Boot device interface allocation
Table 75 lists the interfaces that can be used by the boot process in accordance with the specific Boot
mode configuration. The table also describes the interface’s specific modes and IOMUXC allocation,
which are configured during boot when appropriate.
Table 74. Fuses and associated pins used for boot
Interface
IP instance
Allocated pads during boot
Comment
BOOT_MODE0
Input
ccmsrcgpcmix.BOOT_MODE[0]
Boot mode selection
BOOT_MODE1
Input
ccmsrcgpcmix.BOOT_MODE[1]
BOOT_MODE2
Input
ccmsrcgpcmix.BOOT_MODE[2]
BOOT_MODE3
Input
ccmsrcgpcmix.BOOT_MODE[3]
Table 75. Interface allocation during boot
Interface
IP Instance
Allocated Pads During Boot
Comment
SPI
ECSPI-1
ECSPI1_SCLK, ECSPI1_MOSI, ECSPI1_MISO,
ECSPI1_SS0
The chip-select pin used depends
on the fuse “CS select (SPI only)“.
SPI
ECSPI-2
ECSPI2_SCLK, ECSPI2_MOSI, ECSPI2_MISO,
ECSPI2_SS0
The chip-select pin used depends
on the fuse “CS select (SPI only)“.
SPI
ECSPI-3
UART1_RXD, UART1_TXD, UART2_RXD,
UART2_TXD
The chip-select pin used depends
on the fuse “CS select (SPI only)“.
NAND Flash
GPMI
NAND_ALE, NAND_CE0_B, NAND_CLE,
NAND_DATA00,NAND_DATA01,NAND_DATA02,
NAND_DATA03,NAND_DATA04,NAND_DATA05,
NAND_DATA06, NAND_DATA07, NAND_DQS,
NAND_RE_B, NAND_READY_B, NAND_WE_B,
NAND_WP_B
8-bit, only CS0 is supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com