Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPCEC Datasheet(PDF) 47 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 43Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 44Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 45Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 46Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 47Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 48Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 49Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 50Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 111 page
background image
Electrical characteristics
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
47
Table 37 lists the ECSPI Read and Write frequency.
3.8.1.2
ECSPI Slave mode timing
Figure 14 depicts the timing of ECSPI in Slave mode. Table 38 lists the ECSPI Slave mode timing
characteristics.
Figure 14. ECSPI Slave mode timing diagram
Table 37. ECSPI Master Read and Write frequency
Instance
Mux mode
Master Read
frequency
Master Write
frequency
Unit
ECSPI1
Mux behind I2C1/I2C2
25
50
MHz
Mux behind ECSPI1
30
60
MHz
ECSPI2
Mux behind SD2
30
60
MHz
Mux behind ECSPI2
25
50
MHz
Mux behind I2C3/I2C4
20
40
MHz
ECSPI3
Mux behind UART1/UART2
25
50
MHz
Table 38. ECSPI Slave mode timing parameters (Sheet 1 of 2)
ID
Parameter
Symbol
Min
Max
Unit
CS1 ECSPIx_SCLK Cycle Time–Read
ECSPI_SCLK Cycle Time–Write
tclk
15
43
—ns
CS2 ECSPIx_SCLK High or Low Time–Read
ECSPIx_SCLK High or Low Time–Write
tSW
7
21.5
—ns
CS4 ECSPIx_SS_B pulse width
tCSLH
Half ECSPIx_SCLK period
—
ns
CS5 ECSPIx_SS_B Lead Time (CS setup time)
tSCS
5—
ns
CS6 ECSPIx_SS_B Lag Time (CS hold time)
tHCS
5—
ns
CS7 ECSPIx_MOSI Setup Time
tSmosi
4—
ns
CS1
CS7
CS8
CS2
CS2
CS4
CS6
CS5
CS9
ECSPIx_SCLK
ECSPIx_SS_B
ECSPIx_MISO
ECSPIx_MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com