Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 156 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 156 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 152Page - NXP Semiconductors MPC821 Datasheet HTML 153Page - NXP Semiconductors MPC821 Datasheet HTML 154Page - NXP Semiconductors MPC821 Datasheet HTML 155Page - NXP Semiconductors MPC821 Datasheet HTML 156Page - NXP Semiconductors MPC821 Datasheet HTML 157Page - NXP Semiconductors MPC821 Datasheet HTML 158Page - NXP Semiconductors MPC821 Datasheet HTML 159Page - NXP Semiconductors MPC821 Datasheet HTML 160Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
These three input lines determine the slave address of the MPC8XXFADS being accessed
by the host computer. Up to 8 boards can be addressed by one ADI board.
•
ADS_SRESET - ’I’
This input line is used to generate Soft Reset for the MPC. When an ads is selected and
this line is asserted by the host computer, Soft Reset will be generated to the MPC along
with the Soft Reset configuration applied during that sequence.
•
HOST_ENABLE~ - ’I’
This line is always driven low by the ADI board. When an ADI is connected to the
MPC8XXFADS, this signals enabled the operation of the debug port controller. Otherwise
the debug port controller is disabled and its outputs are tri-stated.
•
ADS_HRESET - ’I’
When a host is connected, this line is used in conjunction with the addressing lines to gen-
erate a Hard Reset to the MPC8XXFADS board. When this signal is driven in conjunction
with the ADS_SRESET signal, the ADI I/F state machines and registers are reset.
•
HOST_REQ -’I’
This signal initiates a host to MPC8XXFADS write cycle.
•
ADS_ACK - ’O’
This signal is the MPC8XXFADS response to the HOST_REQ signal, indicating that the
board has detected the assertion of HOST_REQ.
•
ADS_REQ - ’O’
This signal initiates an MPC8XXFADS to host write cycle.
•
HST_ACK - ’I’
This signal serves as the host’s response to the ADS_REQ signal.
•
HOST_VCC - ’I’ (three lines)
These lines are power lines from the host computer. In the MPC8XXFADS, these lines are
used by the hardware to determine if the host computer is powered on.
•
PD(0:7) - ’I/O’
These eight I/O lines are the parallel data bus. This bus is used to transmit and receive data from the
host computer.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com