Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 157 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 157 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 153Page - NXP Semiconductors MPC821 Datasheet HTML 154Page - NXP Semiconductors MPC821 Datasheet HTML 155Page - NXP Semiconductors MPC821 Datasheet HTML 156Page - NXP Semiconductors MPC821 Datasheet HTML 157Page - NXP Semiconductors MPC821 Datasheet HTML 158Page - NXP Semiconductors MPC821 Datasheet HTML 159Page - NXP Semiconductors MPC821 Datasheet HTML 160Page - NXP Semiconductors MPC821 Datasheet HTML 161Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
APPENDIX C - ADI Installation
C•1
INTRODUCTION
This appendix describes the hardware installation of the ADI board into various host computers.
The installation instructions cover the following host computers:
1)
IBM-PC/XT/AT
2)
SUN - 4 (SBus interface)
C•2
IBM-PC/XT/AT to MPC8XXFADS Interface
The ADI board should be installed in one of the IBM-PC/XT/AT motherboard system expansion slots.
A single ADI can control up to eight MPC8XXFADS boards. The ADI address in the computer is
configured to be at I/O memory addresses 100-102 (hex), but it may be reconfigured for an alternate
address space.
CAUTION
BEFORE REMOVING OR INSTALLING
ANY EQUIPMENT IN THE IBM-PC/XT/AT
COMPUTER, TURN THE POWER OFF
AND REMOVE THE POWER CORD.
C•2•1
ADI Installation in IBM-PC/XT/AT
Refer to the appropriate Installation and Setup manual of the IBM-PC/XT/AT computer for instructions
on removing the computer cover.
The ADI board address block should be configured at a free I/O address space in the computer. The
address must be unique and it must not fall within the address range of another card installed in the
computer.
The ADI board address block can be configured to start at one of the three following addresses:
•
$100 - This address is unassigned in the IBM-PC
•
$200 - This address is usually used for the game port
•
$300 - This address is defined as a prototype port
The ADI board is factory configured for address decoding at 100-102 hex in the IBM-PC/XT/AT I/O
address map. These are undefined peripheral addresses.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com