Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 178 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 178 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 174Page - NXP Semiconductors MPC821 Datasheet HTML 175Page - NXP Semiconductors MPC821 Datasheet HTML 176Page - NXP Semiconductors MPC821 Datasheet HTML 177Page - NXP Semiconductors MPC821 Datasheet HTML 178Page - NXP Semiconductors MPC821 Datasheet HTML 179Page - NXP Semiconductors MPC821 Datasheet HTML 180Page - NXP Semiconductors MPC821 Datasheet HTML 181Page - NXP Semiconductors MPC821 Datasheet HTML 182Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 242 page
background image
General Information
2
MPC860TFADS Daughter Board Design Specification—Rev 0.1
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
1•4
SPECIFICATIONS
The MPC860TFADSDB specifications are given in TABLE 1-1.
1•5
MPC860T-FADSDB Features
t
MPC860T running upto 50 MHz
t
On-Board Fast Ethernet Level One LXT970, with shutdown option over Twisted pair
(Ethernet 100Base TX).
t
5 Dip Switches for the LXT970 power up configuration.
t
Option, for Fast Ethernet over Fiber Optics (Ethernet 100Base FX).
t
Selectable KAPWR source: 3.3V or externally supplied
t
Selectable VDDL source: 3.3V or 2V
t
Selectable clock source: 32768Hz crystal resonator or 4A MHz Clock generator.
t
On-Board Expansion connectors, including all MPC pins and MPC8XXFADS control
/ status signals.
t
On-Board High Density Logic Analyzer connectors, supporting fast connection to HP
16500 logic analyzer (AMP Mictor).
A. May be easily changed to any 3.3V powered oscillator oscillating in 3 - 5 MHz frequency range.
TABLE 1-1. 860TFADSBD Specifications
CHARACTERISTICS
SPECIFICATIONS
Microprocessor
MPC860T @ 50 MHz
Operating temperature
0OC - 30OC
Storage temperature
-25OC to 85OC
Relative humidity
5% to 90% (non-condensing)
Dimensions:
Length
Width
Thickness
5.87" (149 mm)
4.37" (111 mm)
0.063" (1.6 mm)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com