Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 182 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 182 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 178Page - NXP Semiconductors MPC821 Datasheet HTML 179Page - NXP Semiconductors MPC821 Datasheet HTML 180Page - NXP Semiconductors MPC821 Datasheet HTML 181Page - NXP Semiconductors MPC821 Datasheet HTML 182Page - NXP Semiconductors MPC821 Datasheet HTML 183Page - NXP Semiconductors MPC821 Datasheet HTML 184Page - NXP Semiconductors MPC821 Datasheet HTML 185Page - NXP Semiconductors MPC821 Datasheet HTML 186Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 242 page
background image
Hardware Preparation and Installation
6
MPC860TFADS Daughter Board Design Specification—Rev 0.1
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
FIGURE 2-2 U1 Power Sources
From looking at FIGURE 2-2 "U1 Power Sources" above, we see that 5V (with 3.3V output only!)
oscillator may be used with 14 pins only form-factor while 3.3V oscillators may be used with 8 pins
only form-factor.
WARNING
IF A 14 Pin Form-Factor, 3.3V Clock Generator is in-
serted to U1, PERMANENT DAMAGE Might Be In-
flicted To The Device.
WARNING
Since the MPC clock input is NOT 5V TOLERANT,
any clock generator inserted to U1, MUST HAVE
3.3V compatible output. If a 5V output clock gener-
ator is inserted to U1, PERMANENT DAMAGE
might be inflicted to the MPC.
2•3•2
Power-On Reset Source Selection
As there are differences between MPC revisions regarding the functionality of the Power-On Reset
logic, it is therefore necessary to select different sources for Power-ON reset generation.
J1 on the MPC860TFADSDB is used to select Power-On Reset source: when a jumper is placed
between positions 1 - 2 of J1, Power-On reset to the MPC is generated by the Keep-Alive power rail.
I.e., When KAPWR goes below 2.005V - Power-On reset is generated. When a jumper is place
between position 2 - 3 of J1, Power-On reset to the MPC is generated from the MAIN 3.3V power rail.
I.e, when the MAIN 3.3V power rail goes below 2.805V Power-On reset is generated.
GND
3.3V
5V
1
7
8
14
U1
11
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com