Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 185 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 185 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 181Page - NXP Semiconductors MPC821 Datasheet HTML 182Page - NXP Semiconductors MPC821 Datasheet HTML 183Page - NXP Semiconductors MPC821 Datasheet HTML 184Page - NXP Semiconductors MPC821 Datasheet HTML 185Page - NXP Semiconductors MPC821 Datasheet HTML 186Page - NXP Semiconductors MPC821 Datasheet HTML 187Page - NXP Semiconductors MPC821 Datasheet HTML 188Page - NXP Semiconductors MPC821 Datasheet HTML 189Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 242 page
background image
OPERATING INSTRUCTIONS
MOTOROLA
MPC860TFADS Daughter Board Design Specification—Rev 0.1
9
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
3 - OPERATING INSTRUCTIONS
3•1
INTRODUCTION
This chapter provides necessary information to use the MPC860TFADSDB
3•2
CONTROLS AND INDICATORS
The MPC860TFADSDB has in addition to the switches a few indicators - described below:.
3•2•1
GND Bridges
There are 4 GND bridges on the MPC860TFADSDB. They are meant to assist general measure-
ments and logic-analyzer connection.
Warning
The GND bridges on board, physically resemble J4.
Do not mistake J4 to be a GND jumper, otherwise,
permanent damage might be inflicted to the
MPC860TFADSDB and or to the MPC8XXFADS.
Warning
When connecting to a GND bridge, use only INSU-
LATED GND clips. Failure in doing so, might result
in permanent damage to the MPC860TFADSDB.
3•2•2
3.3V Indicator - LD1
The yellow 3.3V led LD1 indicates that the 3.3V power bus is powered from the MPC8XXFADS.
3•2•3
Receive Led - LD2
When the yellow LD4 is light, the fast ethernet receive is in process, for 10M or for 100M.
3•2•4
Transmit Led - LD3
When the yellow LD5 is light, the fast ethernet transmit is in process, for 10M or for 100M.
3•2•5
Link Led - LD4
When the yellow LD6 is light, during the 100Mbps operation indicates scrambler lock and receipt of
valid idle codes. During 10Mbps operation, indicates link valid status.
3•2•6
Collision Led - LD5
When the yellow LD7 is light, in the default mode it indicates a collision. However this led is a
programmable led and it can indicate other definitions. For a programing options see configuration
register, register 19 in the LXT970 user guide.
3•2•7
Speed Led- LD6
When the Speed Led is light it indicates that the LXT970 operate in 100Mbps. When this led is off and
the led on indication is on so the ethernet speed is 10M. Note the 10M ethernet means 10M operating
through the MII bus.
3•2•8
Fast - Ethernet - On Indicator - LD7
When the yellow Fast - Ethernet-ON indicator led LD2 is lit, it designates that the LXT970 transceiver
is enabled for the Fast - Ethernet operation. When it is darkened, the LXT970 is tri-stated and the MII
pins output from the LXT970 are in three-state. these pins with the input to the LXT970 pins may be
used for any alternate function. See also TABLE 4-23. "BCSR4 Description" on page 57 of the
MPC8XXFADS User’s Manual.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com