Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 189 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 189 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 185Page - NXP Semiconductors MPC821 Datasheet HTML 186Page - NXP Semiconductors MPC821 Datasheet HTML 187Page - NXP Semiconductors MPC821 Datasheet HTML 188Page - NXP Semiconductors MPC821 Datasheet HTML 189Page - NXP Semiconductors MPC821 Datasheet HTML 190Page - NXP Semiconductors MPC821 Datasheet HTML 191Page - NXP Semiconductors MPC821 Datasheet HTML 192Page - NXP Semiconductors MPC821 Datasheet HTML 193Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 242 page
background image
Functional Description
MOTOROLA
MPC860TFADS Daughter Board Design Specification—Rev 0.1
13
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
The Fast Ethernet transceiver support two physical interfaces:
t
RJ45 8pin connector for the twisted pair use this connector is mounted on the board.
t
Fiber Optic multi mode tranceiver not mounted on the board, it is an optional. The
board design for the HP HFBR-5103 or HFBR-5105.
.
4•5
Board Control & Status Register - BCSR
Most BCSR control signals and some of BCSR’s status signals are available on the motherboard con-
nectors and on the expansion connectors. The BCSR control most of the functions available on the
MPC860TDB and on the MPC8XXFADS.
See 4•11 "Board Control & Status Register - BCSR" on page 45 of MPC8XXFADS User’s Manual.
TABLE 4-2. BCSR4 The control pins for the LXT970
BIT
MNEMONIC
FUNCTION
PON
DEF
ATT.
4
UUFEN~
When this signal is active (LOW) it enable the LXT970 device. This signal
connected to the TRSTE signal of the LXT970.
In DTE mode when this pin is high the LXT970 isolate it self from the MII
data interface. In repeater mode when it is high the LXT970 tree state the
MII output pins.
1
R,W
5
FETHCFG0
Fast Ethernet CFG0 signal When the LXT970 is in auto negotiation a low to
high transition in this pin cause an auto negotiate to re-start.
When auto negotiation is disabled this input selects operating speed bit
0.13
When this pin is high the 100Mbps is selected 0.13 = 1.
When this pin is low the 10Mbps is selected 0.13 = 0.
1
R,W
6
FETHFDE
Full Duplex Enable when auto negotiation is enable the FDE pin of the
LXT970 determine full duplex advertisement capability in combination with
MF4 and CFG1. See the LXT970 documentation.
When auto negotiation is disable the FDE pin of the LXT970 effects full
duplex and determines the value of bit 0.8 Duplex Mode.
When this pin is high Full Duplex in Enable. 0.8 = 1.
When this pin is low Full Duplex is Disable 0.8 = 0.
1
R,W
9
FETHCFG1
Fast Ethernet CFG1 signal When the LXT970 is in auto negotiation this pin
determines operating speed advertisement capability in combination with
MF4. see See the LXT970 documentation.
When auto negotiation is disabled this input enables 10Mbps link test
function and directly affects bit 19.8.
When this pin is high, 10Mbps link test is disabled 19.8 = 1.
When this pin is low, 10Mbps link test is enabled 19.8 = 0.
1
R,W
10
FETHRST~
Fast Ethernet Reset. When this pin active (LOW) signal is being asserted
the Fast ethernet tranceiver is being reset.
1
R,W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com