Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 183 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 183 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 179Page - NXP Semiconductors MPC821 Datasheet HTML 180Page - NXP Semiconductors MPC821 Datasheet HTML 181Page - NXP Semiconductors MPC821 Datasheet HTML 182Page - NXP Semiconductors MPC821 Datasheet HTML 183Page - NXP Semiconductors MPC821 Datasheet HTML 184Page - NXP Semiconductors MPC821 Datasheet HTML 185Page - NXP Semiconductors MPC821 Datasheet HTML 186Page - NXP Semiconductors MPC821 Datasheet HTML 187Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 242 page
background image
Hardware Preparation and Installation
MOTOROLA
MPC860TFADS Daughter Board Design Specification—Rev 0.1
7
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
FIGURE 2-3 Power-On Reset Source Selection
2•3•3
VDDL Source Selection
J3 serves as a selector for VDDL - MPC internal logic supply. When a jumper is placed between po-
sitions 1 - 2 of J3, VDDL is supplied with 3.3V. When a jumper is placed between positions 2 - 3 of
J3, VDDL is supplied by 2V power source. The jumper on J3 is factory set between positions 1 - 2 to
supply 3.3 to VDDL.
FIGURE 2-4 VDDL Source Selection
2•3•4
Keep Alive Power Source Selection
J2 selects the Keep Alive power source of the MPC. When a jumper is placed between positions 1 -
2 of J2, the Keep Alive power is fed from the main 3.3V bus. When an external power sourceA is to
be connected to the Keep Alive power rail, it should be connected between positions 2 (the positive
pole) and position 3 (GND) of J2.
A. E.g., a battery.
1
1
J1
J1
KA Power Rail
MAIN Power Rail
1
1
VDDL - 3.3V
VDDL - 2V
J3
J3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com