Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 117Page - Renesas Technology Corp UPD17062 Datasheet HTML 118Page - Renesas Technology Corp UPD17062 Datasheet HTML 119Page - Renesas Technology Corp UPD17062 Datasheet HTML 120Page - Renesas Technology Corp UPD17062 Datasheet HTML 121Page - Renesas Technology Corp UPD17062 Datasheet HTML 122Page - Renesas Technology Corp UPD17062 Datasheet HTML 123Page - Renesas Technology Corp UPD17062 Datasheet HTML 124Page - Renesas Technology Corp UPD17062 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 298 page
background image
119
µPD17062
Example Saving the status in an interrupt processing routine
EI
M046
M047
M048
M04D
M04E
M05F
BTM0CK
MEM
MEM
MEM
MEM
MEM
MEM
MEM
0.46H
0.47H
0.48H
0.4DH
0.4EH
0.5FH
0.89H
# POKE
$ PEEK
% POKE
& MOV
( ST
) ST
M048,
WR,
M04E,
RPL,
M046,
M047,
WR
RPL
WR
#0EH
AR1
AR0
.
.
.
* PEEK
+ ST
WR,
M05F,
BTM0CK
WR
BANK0
MOV
LD
LD
RPL,
AR1,
AR0,
#0EH
M046
M047
.
.
.
LD
POKE
WR,
BTM0CK,
M05F
WR
.
.
.
PEEK
POKE
PEEK
WR,
RPL,
WR,
M04E
WR
M048
RETI
EI
Main routine
Program example
Interrupt
processing
routine
(enters a DI state)
BANK and IXE
saving by
hardware
Saving contents
of required system
register using
software
;
;
;
;
;
;
;
;
;
;
;
;
;
;
;
;
Restoration of
contents of saved
system registers
Interrupt reception
Interrupt
processing
Saves the contents of the window register in M048.
Saves the contents of the general-purpose register pointer in M04E.
Sets row address 7 of bank 0 in the general-purpose register
Saves the contents of required system registers.
Saves the contents of the required control register.
Restores the contents of the saved control register.
Restores the contents of the general register-purpose pointer.
Restores the contents of the saved window register.
The EI instruction permits an interrupt (INTE setting)
after the next RETI instruction is executed.
Restoration by the BANK or IXE hardware
;
;
;
;
Makes bank 0 available.
Sets row address 7 of bank 0 in the general-purpose register.
Restores the contents of the saved system registers.
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com