Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 121Page - Renesas Technology Corp UPD17062 Datasheet HTML 122Page - Renesas Technology Corp UPD17062 Datasheet HTML 123Page - Renesas Technology Corp UPD17062 Datasheet HTML 124Page - Renesas Technology Corp UPD17062 Datasheet HTML 125Page - Renesas Technology Corp UPD17062 Datasheet HTML 126Page - Renesas Technology Corp UPD17062 Datasheet HTML 127Page - Renesas Technology Corp UPD17062 Datasheet HTML 128Page - Renesas Technology Corp UPD17062 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 298 page
background image
123
µPD17062
IEGNC or IEGVSYN flag change
INTNC or VSYNC pin
Whether interrupt
IRQNC flag
request is issued
1
→
0
Low
Not issued
No change
(Fall)
(Rise)
High
Issued
Set
1
→
0
Low
Issued
Set
(Rise)
(Fall)
High
Not issued
No change
Table 11-3
Interrupt Request Issuance by IEGNC Flag Change
11.8
INTERNAL INTERRUPT (TIMER, SERIAL INTERFACE)
There are two types of internal interrupts: the timer interrupt and the serial interface interrupt.
11.8.1
Timer Interrupt
The timer interrupt function can issue interrupt requests at a specified time interval.
An interval of 100 ms, 20 ms, or 5 ms can be selected.
See Chapter 12 for details.
11.8.2
Serial Interface Interrupt
The serial interface interrupt function can issue an interrupt request when a serial out or serial in operation
terminates.
Therefore, interrupt requests are mainly issued by the serial clock.
See Chapter 16 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com