Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 138Page - Renesas Technology Corp UPD17062 Datasheet HTML 139Page - Renesas Technology Corp UPD17062 Datasheet HTML 140Page - Renesas Technology Corp UPD17062 Datasheet HTML 141Page - Renesas Technology Corp UPD17062 Datasheet HTML 142Page - Renesas Technology Corp UPD17062 Datasheet HTML 143Page - Renesas Technology Corp UPD17062 Datasheet HTML 144Page - Renesas Technology Corp UPD17062 Datasheet HTML 145Page - Renesas Technology Corp UPD17062 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 298 page
background image
140
µPD17062
As shown in Fig. 12-5, if the timer carry FF setting time interval is switched, the timer error that occurs before
the BTM0CY flag is set for the first time is as follows:
-tSET < error < tCHECK
where tSET
: Newly selected timer carry FF setting time interval
tCHECK : Time interval at which the BTM0CY flag is checked
The internal pulses, 4 Hz, 10 Hz, 200 Hz, and 1 kHz, have a phase difference. However, this phase difference
is less than a newly selected set pulse interval, and included in the timer error described above.
See Section 12.6 for details about the phase difference of each pulse.
Fig. 12-5
Timer Error That Occurs When the Timer Carry FF Setting Time Interval Is Switched from A to B
(a) Timer error of -tSET
(b) Timer error of tCHECK
tSET
tSET
= 0
SKT1
BTM0CY
Internal pulse A
Internal pulse B
Timer carry FF set pulse
BTM0CY flag
True timer interval
Actual timer interval
Time interval switched here
If the BTM0CY flag is checked right
after the timer setting time interval is
switched, it appears to be 1, and therefore,
the timer error is -tSET.
Actual timer interval
True timer interval
Time interval switched here
If the timer setting time interval is
switched right after the BTM0CY flag
is checked, the BTM0CY flag remains
reset for one cycle, and therefore, the
timer error is tCHECK.
.
.
= 0
.
.
tCHECK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com