Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 137Page - Renesas Technology Corp UPD17062 Datasheet HTML 138Page - Renesas Technology Corp UPD17062 Datasheet HTML 139Page - Renesas Technology Corp UPD17062 Datasheet HTML 140Page - Renesas Technology Corp UPD17062 Datasheet HTML 141Page - Renesas Technology Corp UPD17062 Datasheet HTML 142Page - Renesas Technology Corp UPD17062 Datasheet HTML 143Page - Renesas Technology Corp UPD17062 Datasheet HTML 144Page - Renesas Technology Corp UPD17062 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 298 page
background image
139
µPD17062
(2) Timer error that occurs when the timer carry FF setting time interval is changed
The timer carry FF setting time interval is specified by the BTM0CK2, BTM0CK1, and BTM0CK0 flags in the
timer mode select register.
As shown in Fig. 12-1 and 12-2, the timer interval set pulse can be selected from 200 Hz, 10 Hz, and an external
timer.
These three pulses operate independently.
Therefore, when the timer interval set pulse is switched using the BTM0CK2, BTM0CK1, or BTM0CK0 flag,
a timer error occurs as shown in the following example.
Example
;
#
INITFLG
NOT BTM0ZX, NOT BTM0CK2, NOT BTM0CK1, NOT BTM0CK0
; Built-n macro
Process A
; Specifies the timer carry FF set pulse as 10 Hz (100 ms).
;
$
SET1
BTM0CK0 ; Built-in macro
; Specifies the timer carry FF set pulse as 200 Hz (5 ms).
Process A
;
%
CLR1
BTM0CK0 ; Built-in macro
; Specifies the timer carry FF set pulse as 10 Hz (100 ms).
With this coding, the timer carry FF set pulse is switched as shown below.
#
$SET1 BTM0CK0
%CLR1 BTM0CK0
SKT1 BTM0CY
Internal pulse 10 Hz
Internal pulse 200 Hz
Timer carry FF set pulse
BTM0CY flag
As shown above, when the timer carry FF setting time interval is switched, if a newly selected pulse goes
low, it allows the BTM0CY flag to preserve its previous state (
$ in the figure). If the pulse goes high, it sets
the BTM0CY flag to 1 (
% in the figure).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com