Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 133Page - Renesas Technology Corp UPD17062 Datasheet HTML 134Page - Renesas Technology Corp UPD17062 Datasheet HTML 135Page - Renesas Technology Corp UPD17062 Datasheet HTML 136Page - Renesas Technology Corp UPD17062 Datasheet HTML 137Page - Renesas Technology Corp UPD17062 Datasheet HTML 138Page - Renesas Technology Corp UPD17062 Datasheet HTML 139Page - Renesas Technology Corp UPD17062 Datasheet HTML 140Page - Renesas Technology Corp UPD17062 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 298 page
background image
135
µPD17062
Fig. 12-2
Relationship Between the Timer Mode Select Register and Timer Interval Set Pulse
b3
b2
b1
b0
B
T
M
0
Z
X
B
T
M
0
C
K
2
B
T
M
0
C
K
1
B
T
M
0
C
K
0
09H
R/W
Read/Write
000
001
010
011
100
101
110
111
0
1
10 Hz ( 100 ms)
200 Hz (
5 ms)
10 Hz ( 100 ms)
200 Hz (
5 ms)
fTMIN/5 Hz (5/fTMIN s)
200 Hz (
5 ms)
fTMIN/6 Hz (6/fTMIN s)
200 Hz (
5 ms)
200 Hz (
5 ms)
10 Hz ( 100 ms)
50 Hz ( 20 ms)
50 Hz ( 20 ms)
200 Hz (
5 ms)
fTMIN/5 Hz (5/fTMIN s)
200 Hz (
5 ms)
fTMIN/6 Hz (6/fTMIN s)
200 Hz
50 Hz
fTMIN/6 (Hz)
10 Hz
fTMIN/5 (Hz)
Control register
Register
Address
Bit
Flag symbol
Timer mode
select
(BTM0CK)
Selection of frequency (time) of the timer carry FF set pulse
Selection of frequency (time) of the timer interrupt pulse
Internal timer
Internal timer
Internal timer
Internal timer
External timer
Internal timer
External timer
Internal timer
Internal timer
Internal timer
Internal timer
Internal timer
Internal timer
External timer
Internal timer
External timer
fTMIN is the input frequency (50 or 60 Hz) at the P0B2/TMIN pin.
Disables the bias circuit.
Enables the bias circuit.
Duty cycle
Duty cycle
80 ms
1 ms
5 ms
4 ms
100 ms
20 ms
20%
80%
50%
10 ms
20 ms
10 ms
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com