Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 132Page - Renesas Technology Corp UPD17062 Datasheet HTML 133Page - Renesas Technology Corp UPD17062 Datasheet HTML 134Page - Renesas Technology Corp UPD17062 Datasheet HTML 135Page - Renesas Technology Corp UPD17062 Datasheet HTML 136Page - Renesas Technology Corp UPD17062 Datasheet HTML 137Page - Renesas Technology Corp UPD17062 Datasheet HTML 138Page - Renesas Technology Corp UPD17062 Datasheet HTML 139Page - Renesas Technology Corp UPD17062 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 298 page
background image
134
µPD17062
12.2
TIMER FUNCTIONS
There are two timer functions, timer carry FF check and timer interrupt.
The timer carry FF check function performs time management by checking, by program, the state of the
timer carry FF, which is set at constant intervals. The timer interrupt function performs time management
by requesting an interrupt at constant intervals.
The timing at which the timer carry FF is set to 1 or the timer interrupt is requested is controlled by the
timer interval set pulse output from selector A or B, respectively.
The timer interval set pulse can be specified as 10 Hz (100 ms), 50 Hz (20 ms), or 200 Hz (5 ms) by setting
the appropriate data in the timer mode select register.
The timer mode select register is used to specify the time base mode (internal timer mode or external timer
mode) for selectors A and B. The internal timer mode uses pulses generated by dividing the device’s operating
frequency (8 MHz). The external timer mode uses 50 or 60 Hz supplied at the P0B2/TMIN pin.
The timer mode select register is again used to specify whether to divide the frequency of the pulse supplied
at the P0B2/TMIN pin by 5 or 6.
The timer interval set pulse is specified by combining the timer carry FF and timer interrupt.
Fig. 12-2 shows the relationships between the timer mode select register and timer interval set pulse.
In the internal timer mode, the timer interval set pulse is generated by dividing the device’s operating
frequency (8 MHz). If the frequency deviates from the correct value (8 MHz), the timer interval set pulse will
also deviate at the same ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com