Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 130Page - Renesas Technology Corp UPD17062 Datasheet HTML 131Page - Renesas Technology Corp UPD17062 Datasheet HTML 132Page - Renesas Technology Corp UPD17062 Datasheet HTML 133Page - Renesas Technology Corp UPD17062 Datasheet HTML 134Page - Renesas Technology Corp UPD17062 Datasheet HTML 135Page - Renesas Technology Corp UPD17062 Datasheet HTML 136Page - Renesas Technology Corp UPD17062 Datasheet HTML 137Page - Renesas Technology Corp UPD17062 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 298 page
background image
132
µPD17062
In
#, specify the data memory bank containing the contents of the system register.
Because the bank becomes BANK0 when an interrupt is accepted, if the data is saved in BANK0, this
instruction is not necessary.
In
$, save the contents of the window register in data memory M1.
Because the POKE instruction is used, the address of data memory M1 should be 40H or more. Because
the window register is used as a work area for subsequent data saving, its contents must be saved first.
In
%, save the interrupt permission flags (IPNC, IPBMT0, and IPVSYN) set when interrupts are accepted.
In this example, all INTNC pin, VSYNC pin, and timer interrupts must be permitted when control is returned to
the main routine in this save operation. The priority of the timer interrupt is higher than that of the INTNC pin.
Therefore, if the timer interrupt is accepted while the INTNC pin interrupt is being processed, control should
be returned with the INTNC pin interrupt inhibited.
In
&, permit VSYNC interrupt with a lower priority than the timer interrupt. Then, use the EI instruction to
permit all interrupts.
Because processing in
#, $, %, and & must be executed with an interrupt inhibited, the VSYNC interrupt
with the highest priority is also inhibited during this processing.
In
( and ), save and restore the contents of the system and control registers. At this time, interrupts with
high priorities can be enabled.
If the contents of the registers are saved when a VSYNC interrupt with a high priority is accepted, the contents
of the system and control registers do not change when control is returned from VSYNC interrupt processing.
In
* and +, return the contents of the interrupt permission flag and window register.
At this time, all interrupts should be inhibited.
If a timer interrupt is issued when the instruction in
* that permits an interrupt is executed in an EI state,
the contents of the window register in
+ are not restored but are saved again in $. At this time, the contents
of the window register cannot be restored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com