Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 238Page - Renesas Technology Corp UPD17062 Datasheet HTML 239Page - Renesas Technology Corp UPD17062 Datasheet HTML 240Page - Renesas Technology Corp UPD17062 Datasheet HTML 241Page - Renesas Technology Corp UPD17062 Datasheet HTML 242Page - Renesas Technology Corp UPD17062 Datasheet HTML 243Page - Renesas Technology Corp UPD17062 Datasheet HTML 244Page - Renesas Technology Corp UPD17062 Datasheet HTML 245Page - Renesas Technology Corp UPD17062 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 298 page
background image
240
µPD17062
TV screen
19 characters
14 rows
20. IMAGE DISPLAY CONTROLLER
The image display controller (IDC) function indicates a channel number, volume of sound, time, and other
information on a TV screen. The pattern of a display is user-programmable, and the display pattern definition
is stored in the CROM area.
The pattern to be actually displayed is stored in VRAM, which is mapped at BANK1 and BANK2 in data
memory.
20.1
SPECIFICATION OVERVIEW AND RESTRICTIONS
(1) Maximum number of characters that can be displayed on one screen: 97
This specification applies when one control code is used per row. The maximum number of characters
that can be displayed on one screen varies with the number of times control data is used.
Using the control data three times per row amounts to that it is possible to specify the color three times
per row.
(2) Variable display position range: 19 characters
× 14 rows
The display area is defined for the TV screen as follows:
(3) Up to 8 colors (including black and white) can be specified for individual characters.
Independent specification of R, G, and B (using control dataNote)
Note Up to three control data items can be specified per row.
Character size
Maximum number of
Number of times that
display characters per row
control data is used per row
Standard (minimum)
19
Up to 3
Double size
9
Up to 6
Triple size
5
Up to 5
Quadruple size
4
Up to 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com