Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 241Page - Renesas Technology Corp UPD17062 Datasheet HTML 242Page - Renesas Technology Corp UPD17062 Datasheet HTML 243Page - Renesas Technology Corp UPD17062 Datasheet HTML 244Page - Renesas Technology Corp UPD17062 Datasheet HTML 245Page - Renesas Technology Corp UPD17062 Datasheet HTML 246Page - Renesas Technology Corp UPD17062 Datasheet HTML 247Page - Renesas Technology Corp UPD17062 Datasheet HTML 248Page - Renesas Technology Corp UPD17062 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 298 page
background image
243
µPD17062
20.2
DIRECT MEMORY ACCESS
The direct memory access (DMA) function transfers memory contents directly to peripheral equipment,
without using the CPU.
In the
µPD17062, the DMA mode is used to run the IDC.
The instruction cycle of the
µPD17062 is 2 µs, but its apparent instruction cycle becomes 12 µs during the
DMA mode. This does not mean that the actual instruction cycle becomes 12
µs, but means that data transfer
for the IDC takes 10
µs (5 instruction cycles) and execution of an instruction takes one instruction cycle as usual.
During DMA mode, instructions are executed at every five instruction cycles.
For the above reason, execution of one instruction takes 12
µs apparently when the IDC is being used. In
a program in which a problem may occur if 12
µs and 2 µs instruction cycles are mixed, the IDC must be kept
at a stop and the DMA mode can be specified only for critical sections of the program. In this case, during
five instruction cycles for IDC data transfer, only the clock operates, and the
µPD17062 does nothing.
During the DMA mode, the ROM address for five instructions out of the six is not pointed to by the program
counter. Instead, it is pointed to by the CROM address pointer, and the RAM address is pointed to by the VRAM
address pointer.
The DMA mode is controlled using the IDCDMAEN flag.
The IDCDMAEN flag is mapped at the register file. It is a one-bit flag that can be both read- and write-
accessed. When this flag is set, a DMA request is accepted to begin the DMA mode in preference to any other
interrupt request. When the IDCDMAEN flag is reset, no DMA request is accepted. If it is reset during the
DMA mode, the DMA mode is terminated upon completion of the instruction that resets the flag.
Table 20-1
IDCDMAEN Flag
0
0
IDCDMAEN
0
b3
b2
b1
b0
0
0
Does not use the DMA mode (instruction cycle: 2 s)
Uses the DMA mode (instruction cycle: 12 s).
(RF 00H)
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com