Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 263Page - Renesas Technology Corp UPD17062 Datasheet HTML 264Page - Renesas Technology Corp UPD17062 Datasheet HTML 265Page - Renesas Technology Corp UPD17062 Datasheet HTML 266Page - Renesas Technology Corp UPD17062 Datasheet HTML 267Page - Renesas Technology Corp UPD17062 Datasheet HTML 268Page - Renesas Technology Corp UPD17062 Datasheet HTML 269Page - Renesas Technology Corp UPD17062 Datasheet HTML 270Page - Renesas Technology Corp UPD17062 Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 298 page
background image
265
µPD17062
20.7.1
Horizontal Start Position Setting Register
If the horizontal start position setting register contains 0H, the horizontal start position is set 4.25
µs after
the trailing edge of the horizontal sync signal. Each time the horizontal start position setting register is
incremented by one, the horizontal start position shifts to the right by 250 ns; namely the following expression
applies.
Horizontal start position = 4.25
µs + 250 ns × (horizontal start position setting data)
In Fig. 20-13, position A corresponds to the horizontal position setting data 0H. When the horizontal position
setting data is changed to 1, the start position shifts to the right by 250 ns (one dot of the minimum-size
character), that is position B. (The solid lines indicate the screen when the horizontal position data is 0, and
the dotted lines, when the horizontal position data is 1.
Fig. 20-13
Horizontal Shifting
IDC image area
4.25
AB
after trailing edge of horizontal synchronizing signal
s
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com