Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 262Page - Renesas Technology Corp UPD17062 Datasheet HTML 263Page - Renesas Technology Corp UPD17062 Datasheet HTML 264Page - Renesas Technology Corp UPD17062 Datasheet HTML 265Page - Renesas Technology Corp UPD17062 Datasheet HTML 266Page - Renesas Technology Corp UPD17062 Datasheet HTML 267Page - Renesas Technology Corp UPD17062 Datasheet HTML 268Page - Renesas Technology Corp UPD17062 Datasheet HTML 269Page - Renesas Technology Corp UPD17062 Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 298 page
background image
264
µPD17062
20.7
SPECIFYING THE DISPLAY START POSITION
IDC display start positions (upper left of the screen) can be specified by setting data in the IDC start position
setting register. Up to 16 horizontal and vertical positions can be specified. In other words, the display position
of the entire screen can be shifted. The IDC start position setting register consists of a 4-bit vertical start
position setting register and a 4-bit horizontal start position setting register. The IDC start position setting
register is mapped at peripheral address 01H. It can be read- and write-accessed using the GET and PUT
instructions.
Note that the IDC start position setting register should not be written to when the IDCEN flag is 1.
Fig. 20-12
IDC Start Position Setting Register Configuration
b7
b6
b5
b4
b3
b2
b1
b0
b3
b2
b1
b0
b3
b2
b1
b0
Horizontal start position
Vertical start position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com