Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 258Page - Renesas Technology Corp UPD17062 Datasheet HTML 259Page - Renesas Technology Corp UPD17062 Datasheet HTML 260Page - Renesas Technology Corp UPD17062 Datasheet HTML 261Page - Renesas Technology Corp UPD17062 Datasheet HTML 262Page - Renesas Technology Corp UPD17062 Datasheet HTML 263Page - Renesas Technology Corp UPD17062 Datasheet HTML 264Page - Renesas Technology Corp UPD17062 Datasheet HTML 265Page - Renesas Technology Corp UPD17062 Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 298 page
background image
260
µPD17062
(4) Vertical position data (b6 to b3 of the control data)
The vertical position data specifies which of the 12 rows (vertical positions) shown in Fig. 20-10 the display
is to begin at. The vertical position data consists of four bits of the control data, with b6 corresponding
to the MSB and b3 corresponding to the LSB, and it takes a value from 0H to DH. Value 0H corresponds
to row 0, and value DH to column 13.
A character position at the beginning of the screen is specified with an absolute row number (row from
0 to 11 in Fig. 20-10). The number of rows left blank between two rows is specified by the vertical position
data. In other words, the position of the next character is specified by the number (in hexadecimal) of
blank rows after the current row.
In Fig. 20-10, for example, the vertical position data of A and that of B are 6H and 1H, respectively. Similarly,
the vertical position data of D is 0H.
Remark The term number of rows used in the above description applies when the vertical size data is 00
(standard size). If the vertical size data is changed, the rows are counted based on the new vertical
size data. If the vertical size data is a double size, for example, one screen has only six rows.
Fig. 20-10
Display Positions
A
C
B
D
01234
5
6
7
8
9
10
11
12
13
14
15
Row 0
Row 1
Row 2
Row 3
Row 4
Row 5
Row 6
Row 7
Row 8
Row 9
Row 10
Row 11
Row 12
Row 13
Column
Column



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com