Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 257Page - Renesas Technology Corp UPD17062 Datasheet HTML 258Page - Renesas Technology Corp UPD17062 Datasheet HTML 259Page - Renesas Technology Corp UPD17062 Datasheet HTML 260Page - Renesas Technology Corp UPD17062 Datasheet HTML 261Page - Renesas Technology Corp UPD17062 Datasheet HTML 262Page - Renesas Technology Corp UPD17062 Datasheet HTML 263Page - Renesas Technology Corp UPD17062 Datasheet HTML 264Page - Renesas Technology Corp UPD17062 Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 298 page
background image
259
µPD17062
(2) Vertical size data (b12 and b11 of the control data)
The vertical size data determines the vertical size of each image of a character. Up to four sizes can be
specified on each row. Table 20-8 lists details of the vertical size data.
The vertical size data specified at the beginning of a row is effective throughout that row. The vertical
size data in any other control data for the same row is ignored.
Table 20-8
Vertical Size Setting
(3) Horizontal position data (b10 to b7 of the control data)
The horizontal position data specifies which of the 16 horizontal positions shown in Fig. 20-10 the display
is to begin at. Although each row has 19 horizontal display positions, the display can start only at within
16 character positions from the left side of the screen.
The beginning of the row is specified with an absolute column number (column from 0 to 15 in
Fig. 20-10). The horizontal position data consists of four bits of the control data, with b10 corresponding
to the MSB and b7 corresponding to the LSB, and therefore it takes a value from 0H to FH. Value 0H
corresponds to column 0, and value FH to column 15.
The number of character positions left blank between two characters on the same row is specified by the
horizontal position data. In other words, the position of the next character is specified by the number (in
hexadecimal) of blank character positions after the current character position.
In Fig. 20-10, for example, the horizontal position data of A and that of C are 8H and 1H, respectively. If
the control data of C is changed to 0, C is displayed in column 9 (at character position 9). If no control
data is used after A, C is displayed also in column 9.
Remark The term number of character positions used in the above description applies when the horizontal
size data is 00. If the horizontal size data is changed, the character positions are counted for the
new horizontal size data. If the horizontal size data is a double size, for example, one row has
only eight character positions.
Vertical size data
Size
Vertical width of a
Maximum number of display
b12
b11
character (interlace)
characters in the vertical direction
0
0
Standard
15H
12
0
1
Double
30H
6
1
0
Triple
45H
4
1
1
Quadruple
60H
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com