Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 254Page - Renesas Technology Corp UPD17062 Datasheet HTML 255Page - Renesas Technology Corp UPD17062 Datasheet HTML 256Page - Renesas Technology Corp UPD17062 Datasheet HTML 257Page - Renesas Technology Corp UPD17062 Datasheet HTML 258Page - Renesas Technology Corp UPD17062 Datasheet HTML 259Page - Renesas Technology Corp UPD17062 Datasheet HTML 260Page - Renesas Technology Corp UPD17062 Datasheet HTML 261Page - Renesas Technology Corp UPD17062 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 298 page
background image
256
µPD17062
Fig. 20-6
Character Pattern Data Configuration
(a) Data for a character with no rimming
(b) Data for a character with rimming
If 2 is to be displayed, the character pattern is set as shown in Fig. 20-7. 0 and 1 in the pattern data correspond
to s
s and s, respectively. In addition, the character size, position, and color are specified by the control data.
Fig. 20-8 shows an example of the pattern of a character with rimming.
Fig. 20-7
Example of the Pattern of a Character with No Rimming
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Undefined
Character pattern data
1
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Character pattern data
Rim data
b9
b0
b15
b9
b0
× × × 0 H
× × × 1 H
× × × 2 H
× × × 3 H
× × × 4 H
× × × 5 H
× × × 6 H
× × × 7 H
× × × 8 H
× × × 9 H
× × × A
× × × B
× × × C
× × × D
× × × E
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
0 0 0 0 0 0 0 0 0 1 1 1 1 0 0 0
0 0 0 0 0 0 0 0 1 1 1 1 1 1 0 0
0 0 0 0 0 0 0 1 1 1 0 0 1 1 1 0
0 0 0 0 0 0 0 1 1 0 0 0 0 1 1 0
0 0 0 0 0 0 0 1 1 0 0 0 0 1 1 0
0 0 0 0 0 0 0 1 1 0 0 0 0 1 1 0
0 0 0 0 0 0 0 0 1 0 0 0 1 1 0 0
0 0 0 0 0 0 0 0 0 0 0 1 1 1 0 0
0 0 0 0 0 0 0 0 0 0 1 1 1 0 0 0
0 0 0 0 0 0 0 0 0 1 1 1 0 0 0 0
0 0 0 0 0 0 0 0 1 1 1 0 0 0 0 0
0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0
0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
"0" (no rimming)
ROM address
(in the CROM area)
Undefined
H
H
H
H
H
H
H
H
H
Pattern data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com